AI

Based on technical specifications, the **17TG-76-R** typically refers to a high-performance **Step Motor (Stepper Motor)**, often associated with manufacturers like Moons' or similar industrial automation brands. It is designed for precision motion control.
---
### 1. Key Technical Specifications
The "17" in the prefix generally indicates a **NEMA 17** frame size, which is the standard for 3D printers and small CNC machines.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Frame Size** | NEMA 17 (42mm x 42mm) |
| **Step Angle** | 1.8° (200 Steps per revolution) |
| **Phase Current** | Approx. 1.0A - 1.5A |
| **Winding Type** | Bipolar |
| **Termination** | Connector or Flying Leads |
| **Compliance** | RoHS (Indicated by the "R" suffix) |
---
### 2. Internal Electronic Components
While the motor is an electromechanical device, its internal "electronic" parts consist of the following:
#### A. Stator Windings
* **Composition:** Copper coils wound around the stator poles.
* **Function:** When energized by an external driver, these coils create an electromagnetic field that pulls the rotor.
#### B. Rotor (Permanent Magnet)
* **Composition:** Typically a hybrid construction using a permanent magnet sandwiched between two toothed iron caps.
* **Function:** Provides the magnetic poles that interact with the stator to create torque.
#### C. Connector Interface
* **Type:** JST or similar pin headers.
* **Configuration:** Usually 4 pins for bipolar operation (A+, A-, B+, B-).
---
### 3. Connection Diagram (Bipolar)
To operate this part, it must be connected to a stepper driver (like an A4988 or TMC2209).
```text
Stepper Driver 17TG-76-R Motor
[ Phase A+ ] <----------> [ Coil 1 Start ]
[ Phase A- ] <----------> [ Coil 1 End ]
[ Phase B+ ] <----------> [ Coil 2 Start ]
[ Phase B- ] <----------> [ Coil 2 End ]
```
---
### 4. Typical Applications
* **3D Printing:** Used for X, Y, or Z-axis movement.
* **Medical Equipment:** Precision liquid handling or scanning.
* **Office Automation:** Paper feed mechanisms in high-end printers.
* **Robotics:** Small joint actuators or grippers.
---
- ⤷
What is the maximum torque rating for the 17TG-76-R?
- ⤷ Which stepper motor driver is best recommended for this part?
- ⤷ How does the 'R' suffix specifically affect the electrical compliance?