17TG-B6-R
AI

The **17TG-B6-R** is a specific electronic component typically identified as a **Miniature Toggle Switch** manufactured by **Copal Electronics** (now part of Nidec Components). These switches are widely used in industrial control panels, medical equipment, and telecommunications due to their reliability and compact size.
---
### 1. Key Technical Specifications
Below are the fundamental electrical and mechanical characteristics of the 17TG-B6-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Switching Function** | ON - ON |
| **Current Rating** | ~6A @ 125VAC / 3A @ 250VAC |
| **Termination Style** | PC Pin (Through-hole) |
| **Actuator Style** | Standard Bat Lever |
| **Mounting Type** | PCB Mount / Panel Mount with Nut |
---
### 2. Breakdown of Parts and Materials
The switch is constructed using high-quality materials to ensure longevity and electrical conductivity:
* **Actuator (Lever):** Typically made of chrome-plated brass for durability and corrosion resistance.
* **Housing/Body:** Usually made of Diallyl Phthalate (DAP), a high-strength thermoset plastic with excellent insulation properties.
* **Contacts:** Silver-plated or gold-plated copper alloy to minimize contact resistance.
* **Terminals:** Sealed to prevent flux or contaminants from entering the switch during the soldering process.
---
### 3. Pin Configuration and Circuitry
As an **SPDT** switch, it has three terminals. The operation follows this logic:
1. **Terminal 1:** Output A
2. **Terminal 2:** Common (COM)
3. **Terminal 3:** Output B
In the "ON-ON" configuration, the Common pin is always connected to either Terminal 1 or Terminal 3, depending on the position of the toggle lever. There is no "Center OFF" position for this specific model.
---
### 4. Application Use Cases
* **Audio Equipment:** Routing signals between two different outputs.
* **Power Supplies:** Switching between high/low voltage modes or input sources.
* **Industrial Controls:** Manual override switches for automated systems.
* **Test Instruments:** Selecting between different measurement ranges or functions.
- ⤷
What is the difference between SPDT and DPDT toggle switches?
- ⤷ Can this switch be used for DC applications
- ⤷ and if so
- ⤷ at what rating?
- ⤷ How does the 'sealed' terminal design benefit the soldering process?