17TK-16-R
AI

The **17TK-16-R** is a specific model of a **Compact Optical Rotary Encoder** manufactured by **Nemicon**. It is designed to convert the angular position or motion of a shaft into an analog or digital signal.
---
### ## Technical Specifications
Below is a breakdown of the typical technical parameters for this specific series:
| Parameter | Specification |
| :--- | :--- |
| **Encoder Type** | Incremental |
| **Technology** | Optical |
| **Resolution** | 16 Pulses Per Revolution (PPR) |
| **Shaft Diameter** | 6mm (Standard for the 17TK series) |
| **Output Phase** | Phase A and Phase B |
| **Supply Voltage** | DC 5V (Typical) |
| **Operating Temp** | -10°C to +70°C |
---
### ### Key Electronic Components & Features
1. **Light Source (LED):**
The unit contains an internal infrared LED that projects light through a coded disk.
2. **Code Disk:**
A small, rotating disk with 16 transparent and opaque slots. As the shaft turns, it "chops" the light beam to create pulses.
3. **Photo-Detector:**
An IC or phototransistor that captures the light pulses and converts them into electronic signals.
4. **Output Circuit (Push-Pull or Open Collector):**
The `-R` suffix often indicates a specific output type or RoHS compliance, typically providing clean square-wave signals for a PLC or microcontroller to read.
---
### ### Typical Pin Configuration
Most 17TK series encoders utilize a 4 or 5-pin connection:
| Pin | Function | Description |
| :---: | :--- | :--- |
| **1** | Vcc | Power supply input |
| **2** | Phase A | Primary pulse output |
| **3** | Phase B | Secondary pulse (90° offset to determine direction) |
| **4** | GND | Ground |
---
### ### Applications
Due to its small form factor and 16 PPR resolution, this part is commonly found in:
* **Audio Equipment:** Digital volume knobs (infinite rotation).
* **Medical Devices:** Precision adjustment interfaces.
* **Small Robotics:** Monitoring slow-speed motor rotation.
* **Industrial Panels:** Menu navigation and parameter setting.
- ⤷
What is the difference between incremental and absolute encoders?
- ⤷ How do I wire a 17TK-16-R to an Arduino or PLC?
- ⤷ What does the 16 PPR resolution imply for precision?