17TK-26-R
AI

The **17TK-26-R** is a specific type of **Rotary Switch**, often referred to in industrial and consumer electronics as a "Band Switch." These components are used to select different modes, circuits, or electrical paths by rotating a central shaft.
---
## 1. Technical Specifications
While exact specifications can vary by manufacturer (such as Alpha or local industrial brands), the standard configuration for the 17TK series typically includes:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Rotary Switch (Manual) |
| **Number of Poles** | 1 Pole |
| **Number of Positions** | 2 to 6 (Adjustable or Fixed) |
| **Rotation Angle** | 30° or 60° per click |
| **Voltage Rating** | 125V AC / 250V AC |
| **Current Rating** | 0.3A to 0.5A |
| **Shaft Diameter** | Usually 6mm (D-shape or Knurled) |
| **Mounting Type** | PCB Mount or Panel Mount |
---
## 2. Component Construction
The "17TK" designation usually refers to the physical frame size and mechanical design:
* **Wafer Layer:** The body is made of an insulating material (phenolic resin or ceramic) that holds the metal contacts.
* **Wiping Contacts:** It uses "make-before-break" or "shorting" contacts to ensure a smooth transition between settings.
* **Adjustable Stopper:** Many 17TK models come with a metal washer/ring that allows the user to limit the number of positions (e.g., turning a 12-position switch into a 3-position switch).
---
## 3. Common Applications
These switches are found in devices where a user needs to toggle between multiple distinct states:
1. **Audio Equipment:** Selecting between Inputs (CD, Aux, Phono).
2. **Test Instruments:** Changing scales on a Multimeter or Oscilloscope.
3. **Home Appliances:** Speed control for fans or temperature settings for heaters.
4. **DIY Electronics:** Frequency band selection in radio projects.
---
## 4. Part Number Breakdown
The suffix **-R** usually denotes a specific variation:
* **RoHS Compliance:** Indicates the part is lead-free and meets environmental standards.
* **Rotation Type:** Sometimes indicates "Continuous Rotation" (no stop point) or a specific shaft length.
- ⤷
What is the difference between shorting and non-shorting rotary switches?
- ⤷ How do I wire a 1-pole 6-position rotary switch?
- ⤷ Can the 17TK-26-R be used for high-current applications?