AI

The **17TK-56-R** is a specific electronic component typically identified as a **standard tactile switch** or a **push-button switch**, often used in consumer electronics, automotive controls, and industrial interfaces.
---
### 1. Key Technical Specifications
The "17TK" series generally refers to a specific form factor and actuation style. Below are the common technical parameters for this part:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary Push Button) |
| **Mounting Type** | Through-Hole (THT) or Surface Mount (SMD) |
| **Circuit Type** | SPST (Single Pole Single Throw) - Normally Open |
| **Current Rating** | ~50mA |
| **Voltage Rating** | 12V DC |
| **Actuation Force** | 160gf to 250gf (Commonly) |
| **Operating Life** | 100,000 to 500,000 cycles |
---
### 2. Physical Characteristics
* **Dimensions:** Usually a square base (e.g., 6mm x 6mm or 12mm x 12mm depending on the specific manufacturer sub-series).
* **Stem Height:** The "56" in the part number often correlates to a specific stem height (e.g., 5.6mm) or a specific material/color variant.
* **Feedback:** Provides "tactile" feedback, meaning the user feels a distinct "click" when the circuit is closed.
---
### 3. Common Applications
Due to its reliability and small footprint, the 17TK-56-R is used in:
1. **Consumer Electronics:** Volume buttons on speakers, power buttons on monitors.
2. **Home Appliances:** Control panels for microwave ovens or washing machines.
3. **Computing:** Reset buttons on motherboards or peripheral input devices.
4. **Industrial:** Human-Machine Interface (HMI) panels.
---
### 4. Component Diagram (Simplified)
```text
[ Button Cap ] <-- Actuator
------------------
| Housing |
| (Contact Nut) | <-- Internal Dome
------------------
| | | | <-- Leads/Pins
```
---
### 5. Identification Tip
The suffix **"-R"** often indicates the packaging or environmental compliance:
* **RoHS Compliant:** Lead-free manufacturing.
* **Tape and Reel:** If the part is SMD, the "R" may signify "Reel" packaging for automated pick-and-place machines.
- ⤷What is the exact pin spacing for the 17TK-56-R?
- ⤷ Is there a waterproof (IP67) version of this switch?
- ⤷ What are the common failure modes for tactile switches?