AI

The **17TS-55-R/BL** refers to a high-performance **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide physical feedback to the user.
---
### ## Technical Specifications
Below are the typical technical parameters for the 17TS series tactile switches:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Momentary Tactile Switch |
| **Actuation Force** | Typically 160gf to 250gf (Gram-force) |
| **Dimensions** | 12mm x 12mm (Standard footprint) |
| **Mounting Type** | Through-hole (DIP) or Surface Mount (SMD) |
| **Contact Rating** | 50mA @ 12V DC |
| **Travel Distance** | 0.25mm ± 0.1mm |
| **Life Expectancy** | 100,000 to 1,000,000 cycles |
| **Operating Temp** | -25°C to +70°C |
---
### ### Key Components and Construction
The switch is comprised of four primary internal parts that define its functionality:
1. **Actuator (The Button):** The part the user presses. In the "R/BL" variant, this is often a round (R) plunger with a specific color (Blue/BL).
2. **Contact Dome:** A snap-action metal disc. When pressed, it collapses to complete the circuit and provides the "click" sound and tactile feel.
3. **Housing/Base:** Usually made of high-temperature thermoplastic (like PBT or Nylon) to withstand soldering heat.
4. **Terminals:** Silver-plated brass or copper pins that connect the switch to the Printed Circuit Board (PCB).
---
### ### Part Number Breakdown (Nomenclature)
While naming conventions vary slightly by manufacturer, the code generally follows this logic:
* **17TS:** The series identifier (12x12mm square body).
* **55:** Refers to the height of the actuator (e.g., 5.5mm).
* **R:** Indicates a **Round** actuator shape.
* **BL:** Indicates the color **Blue**.
---
### ### Applications
These switches are commonly found in:
* **Household Appliances:** Microwave control panels, washing machine buttons.
* **Peripherals:** Computer monitors, printers, and routers.
* **Industrial:** Reset buttons on PLC modules and interface panels.
- ⤷What is the difference between a momentary and a maintained tactile switch?
- ⤷ How do I choose the correct actuation force for a user interface?
- ⤷ What are the common failure modes for metal dome tactile switches?