1812AL-S08-R
AI

The **1812AL-S08-R** is an integrated circuit, specifically a **Low Dropout (LDO) Linear Regulator** or a specific operational amplifier variant depending on the manufacturer (most commonly associated with UTC - Unisonic Technologies).
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Overview
The part number typically refers to a CMOS-based voltage regulator designed for low power consumption and high stability.
| Property | Description |
| :--- | :--- |
| **Function** | Low Dropout (LDO) Voltage Regulator |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Output Type** | Fixed or Adjustable (Model dependent) |
| **RoHS Status** | Compliant (Indicated by the "R" suffix) |
---
### 2. Technical Specifications
The "1812" series generally features high-precision output and low quiescent current, making it ideal for battery-operated devices.
| Parameter | Typical Value |
| :--- | :--- |
| **Input Voltage Range** | Up to 12V - 18V (Max) |
| **Output Current** | 300mA to 500mA (Series dependent) |
| **Dropout Voltage** | ~150mV @ 100mA |
| **Quiescent Current** | 1.0µA to 3.0µA (Ultra-low) |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Pin Configuration (SOP-8)
In the SOP-8 package, the pinout is generally standardized to facilitate heat dissipation and ease of PCB routing.
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated Output Voltage |
| 2, 3, 6, 7 | **NC/GND** | No Connection or Ground (Heat Sink) |
| 4 | **GND** | Common Ground |
| 5 | **CE/EN** | Chip Enable (Active High) |
| 8 | **VIN** | Unregulated Input Voltage |
---
### 4. Key Features and Applications
#### Features:
* **Low Dropout:** Allows the device to maintain regulation even when the input voltage is very close to the output voltage.
* **Low Power Consumption:** The ultra-low quiescent current extends battery life significantly.
* **Built-in Protections:** Usually includes thermal shutdown and current limiting circuitry.
#### Common Applications:
* **Battery-Powered Equipment:** Smartphones, cameras, and IoT sensors.
* **Reference Voltage Sources:** Providing stable power to Microcontrollers (MCUs).
* **Communication Equipment:** Wireless modules and RF circuits requiring low-noise power.
---
### 5. Part Number Decoding
The suffix provides information about the packaging and environmental standards:
* **1812**: Series Code.
* **AL**: Version/Accuracy indicator.
* **S08**: Package style (SOP-8).
* **R**: Tape & Reel (Packaging) and Lead-Free (RoHS).
- ⤷
What is the maximum input voltage for the 1812AL-S08-R?
- ⤷ Can this IC be used in automotive applications?
- ⤷ What are the equivalent alternative parts for this LDO?