18AR-51-R
AI

The part number **18AR-51-R** typically refers to a specific type of **high-current, wire-wound power inductor** or a specific **fuse/breaker component** depending on the manufacturer. However, in the context of general electronic distribution, it is most commonly associated with **automotive or industrial-grade power inductors**.
Below is a breakdown of the typical characteristics and technical specifications associated with this part.
---
### 1. Component Overview
The "18AR" series usually belongs to a family of high-reliability surface-mount (SMD) or through-hole components designed to handle significant current loads while maintaining a small footprint.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Power Inductor / Choke |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Inductance Value** | 510 nH (0.51 µH) or 51 µH (varies by series) |
| **RoHS Status** | Compliant (Indicated by "-R" suffix) |
| **Core Material** | Ferrite or Composite Powder |
---
### 2. Key Technical Specifications
While exact specs can vary by brand (such as Halo Electronics or similar high-frequency component makers), the following are standard expectations:
* **Current Rating (I-sat):** Designed for high saturation currents, often exceeding 10A-30A depending on the physical size.
* **DCR (DC Resistance):** Extremely low resistance (measured in milliohms) to minimize power loss and heat generation.
* **Operating Temperature:** Typically rated for industrial ranges (**-40°C to +125°C**).
* **Suffix "-R":** Usually denotes **RoHS Compliance** (Lead-free) and often indicates **Tape and Reel** packaging for automated assembly.
---
### 3. Common Applications
These parts are engineered for power conversion and filtering. Common use cases include:
1. **DC-DC Converters:** Used in Buck or Boost regulators to store energy and smooth output current.
2. **Automotive Electronics:** Powering Infotainment systems, ECU power stages, and LED lighting drivers.
3. **Industrial Controls:** Filtering noise in motor drives and high-power power supplies.
4. **VRM (Voltage Regulator Modules):** Found on motherboards and server cards to provide stable voltage to CPUs/GPUs.
---
### 4. Identification Tips
If you are looking at the physical part:
* **Marking:** Often marked with "510" (for 51 units) or "R51".
* **Body:** Usually a dark grey or black molded plastic or metal composite body.
* **Terminals:** Wide metallic pads on the bottom or sides to handle high current flow.
- ⤷
Who is the primary manufacturer of the 18AR-51-R inductor?
- ⤷ What are the specific dimensions/footprint of the 18AR series?
- ⤷ Can this part be used in high-frequency switching power supplies above 1MHz?