18AT-01-R/BL
AI

The **18AT-01-R/BL** refers to a high-quality, high-speed **rotary slip ring** (or rotary joint) manufactured by companies like **Moflon**. These components are designed to transmit electrical power or signals from a stationary structure to a rotating structure without tangling wires.
---
### 1. Key Technical Specifications
The "18AT" typically indicates the series and number of circuits. Below is a breakdown of the typical technical parameters for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Circuit Count** | 18 Circuits (Channels) |
| **Current Rating** | 2A per circuit (typically) |
| **Voltage Rating** | 240 VAC/VDC |
| **Max Speed** | 250 - 600 RPM (depending on housing) |
| **Contact Material** | Gold-to-Gold (precious metals) |
| **Housing Material** | Engineering Plastic or Aluminum Alloy |
| **Operating Temp** | -20°C to +80°C |
---
### 2. Part Number Breakdown
* **18**: Represents the number of independent electrical channels (18 rings).
* **AT**: Refers to the "Capsule" or compact series, often indicating a small diameter.
* **01**: Often refers to the specific mechanical configuration or revision.
* **R/BL**: Usually refers to the color coding of the wiring or the lead wire exits (Red/Blue identification).
---
### 3. Core Features
The 18AT-01-R/BL utilizes **Gold-on-Gold contact technology**, which provides several advantages:
1. **Low Electrical Noise:** Essential for transmitting sensitive data signals (Ethernet, sensors) without interference.
2. **Low Torque:** The brush design ensures smooth rotation with minimal friction.
3. **Long Lifespan:** Precious metal contacts resist oxidation and wear better than copper or silver-plated contacts.
4. **Compact Design:** The "capsule" form factor allows it to fit into tight mechanical assemblies.
---
### 4. Common Applications
Due to its 18-circuit capacity and compact size, this part is frequently used in:
* **CCTV Systems:** Pan-tilt-zoom (PTZ) cameras.
* **Robotics:** Rotary joints for robotic arms or sensors.
* **Medical Equipment:** Rotating lights or small imaging devices.
* **Exhibition/Display Gear:** Rotating stages or signs.
* **Test Equipment:** Wind turbines or laboratory turntables.
---
### 5. Wiring Diagram Example (Simplified)
The wires are usually color-coded for easy identification:
```markdown
Pin # | Color | Function
------|--------|---------
1 | Black | Power/Signal
2 | Brown | Power/Signal
3 | Red | Power/Signal
... | ... | ...
18 | Blue | Power/Signal
```
- ⤷
What is the maximum data rate this slip ring can handle for digital signals?
- ⤷ How does the 'Gold-to-Gold' contact technology affect the maintenance requirements?
- ⤷ Are there waterproof (IP-rated) versions of the 18AT series available?