18AT-13-R
AI

The **18AT-13-R** is a specific electronic component, most commonly associated with **Diodes Incorporated**. It is a **Schottky Barrier Diode** housed in a SOD-123 package, designed for high-efficiency rectification and freewheeling applications.
### 1. Key Specifications
The following table summarizes the primary electrical characteristics of the 18AT-13-R:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Type** | Schottky Barrier | Metal-semiconductor junction |
| **Max Forward Current ($I_F$)** | 1.0 A | Average rectified output current |
| **Max Reverse Voltage ($V_{RRM}$)** | 80 V | Peak repetitive reverse voltage |
| **Forward Voltage Drop ($V_F$)** | ~0.70 V | Typical voltage loss at 1.0 A |
| **Package Type** | SOD-123 | Surface mount (SMD) small outline |
| **Operating Temp** | -65°C to +150°C | Robust thermal range |
---
### 2. Major Features
* **Low Forward Voltage:** Schottky technology allows for lower power loss compared to standard silicon diodes.
* **Fast Switching:** Extremely low reverse recovery time ($t_{rr}$), making it ideal for high-frequency circuits.
* **Guard Ring Die Construction:** Provides transient protection and enhances reliability against voltage spikes.
* **Green Molding:** Usually lead-free and RoHS compliant (the "R" suffix often denotes 13-inch reel packaging).
---
### 3. Common Applications
Due to its small footprint and high efficiency, the 18AT-13-R is used in:
1. **DC-DC Converters:** Used as a catch diode to maintain current flow during switching transitions.
2. **Polarity Protection:** Prevents damage to a circuit if a battery or power supply is connected backward.
3. **Low Voltage Rectification:** Converting AC-like signals to DC in battery-powered devices.
4. **Signal Clamping:** Protecting sensitive logic gates from overvoltage.
---
### 4. Package Dimensions (SOD-123)
The SOD-123 package is a standard surface-mount footprint.
* **Length:** ~2.65 mm
* **Width:** ~1.60 mm
* **Height:** ~1.15 mm
* **Mounting:** It requires a solder pad layout on a PCB (Printed Circuit Board).
- ⤷
What is the difference between a Schottky diode and a standard Zener diode?
- ⤷ How does the '13' in the part number relate to the tape and reel packaging?
- ⤷ Can this diode be used in high-power AC-DC rectification?