18AT-33-R/BL
AI

The part number **18AT-33-R/BL** refers to a specialized high-performance coaxial attenuator, typically manufactured by companies like **Rosenberger** or similar RF component specialists. These components are designed to reduce the power of an electrical signal without distorting its waveform.
### Technical Specifications
Below are the typical technical parameters for this class of RF attenuator:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Impedance** | 50 $\Omega$ |
| **Attenuation Value** | 33 dB |
| **Frequency Range** | DC to 18 GHz |
| **Connector Type** | SMA (Male/Female configuration) |
| **Power Handling** | 2 Watts (Average) |
| **VSWR** | $\leq$ 1.35:1 (Frequency dependent) |
| **Housing Material** | Passivated Stainless Steel |
---
### Component Breakdown
1. **"18" (Frequency):** Indicates the maximum operating frequency, which is **18 GHz**. This makes it suitable for Ku-band satellite communications and high-speed laboratory testing.
2. **"AT" (Type):** Stands for **Attenuator**.
3. **"33" (Value):** Represents the attenuation level in decibels (**33 dB**). This means the input power is reduced by a factor of approximately 2000.
4. **"R/BL" (Series/Suffix):** Usually refers to the manufacturer's specific product line (e.g., Rosenberger's "R" series) and packaging or plating specifications (e.g., "BL" for Bulk or specialized finish).
### Common Applications
* **Signal Level Control:** Preventing sensitive receivers from being overloaded by high-power transmitters.
* **Impedance Matching:** Improving the VSWR (Voltage Standing Wave Ratio) between two mismatched components in an RF chain.
* **Measurement:** Used in test benches to safely connect high-power amplifiers to low-power spectrum analyzers.
---
### Comparison with Standard Attenuators
Compared to standard consumer-grade components, the **18AT-33-R/BL** is a precision instrument:
* **Flatness:** It maintains a very consistent 33 dB drop across the entire 0-18 GHz spectrum.
* **Durability:** Built with stainless steel connectors to withstand hundreds of mating cycles in lab environments.
- ⤷
What is the maximum power rating for the 18AT-33-R/BL before thermal damage occurs?
- ⤷ How does the attenuation flatness change as the frequency approaches 18 GHz?
- ⤷ Are there alternative connector types available for this 33dB attenuator model?