18AT-36-R
AI

The **18AT-36-R** is a specific part number typically associated with **Precision Fixed Attenuators**. These components are critical in RF (Radio Frequency) and microwave engineering for reducing the power of a signal without significantly distorting its waveform.
---
## Technical Specifications
The part number follows a standard nomenclature used by manufacturers (often associated with brands like **L3Harris Narda-MITEQ** or similar high-frequency component specialists).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fixed Coaxial Attenuator |
| **Attenuation Value** | 36 dB |
| **Frequency Range** | DC to 18 GHz |
| **Connector Type** | SMA (Male/Female standard configuration) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Power Handling** | Typically 2 Watts (Average) |
---
## Key Electronic Characteristics
### 1. Attenuation (36 dB)
This part reduces the input signal power by **36 decibels**. In linear terms, a 36 dB attenuation means the output power is approximately **0.025%** of the input power. This is a high-value attenuation often used to protect sensitive measurement equipment from high-power sources.
### 2. Frequency Response (Up to 18 GHz)
The "18" in the prefix usually denotes the maximum frequency rating. This component is designed to operate linearly from Direct Current (DC) up to the Ku-band (18 GHz), making it suitable for satellite communications and radar applications.
### 3. VSWR (Voltage Standing Wave Ratio)
High-quality attenuators like the 18AT series are engineered for low VSWR. This ensures that signal reflections are minimized, maintaining the integrity of the transmission line.
### 4. Construction
* **Housing:** Usually passivated stainless steel for durability and heat dissipation.
* **Resistive Element:** Thin-film or thick-film resistors on a ceramic substrate to ensure stability across temperature ranges.
---
## Common Applications
* **Power Leveling:** Adjusting signal levels to match the dynamic range of a receiver.
* **Isolation:** Placing an attenuator between two components to reduce interaction (impedance mismatch) between them.
* **Testing & Measurement:** Using the 36dB drop to allow high-power transmitters to be connected to spectrum analyzers or oscilloscopes that have low input power limits.
---
- ⤷What is the power rating difference between the 18AT and 18ATT series?
- ⤷ How does the VSWR of this attenuator change at frequencies above 12 GHz?
- ⤷ Are there alternative connector types available for the 36 dB model?