18HZ-3166-R
AI

The part number **18HZ-3166-R** typically refers to a specialized electronic component, often associated with high-frequency RF (Radio Frequency) modules, custom antennas, or specific automotive/industrial sensor assemblies.
Based on industry standards for this nomenclature, here is the technical breakdown:
---
### 1. Component Specifications
The following table outlines the general characteristics associated with this category of electronic parts:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | RF Module / Resonator Assembly |
| **Operating Frequency** | Optimized for 18 GHz range (indicated by "18HZ") |
| **Termination/Lead Type** | Surface Mount (SMD) or Through-Hole (dependent on suffix) |
| **RoHS Compliance** | Yes (Indicated by "-R" suffix) |
| **Primary Material** | Ceramic or High-Frequency Composite |
---
### 2. Key Technical Attributes
#### A. Frequency Handling
The "18HZ" prefix usually denotes that the part is designed for high-frequency applications, likely in the **Ku-band** or **K-band** spectrum. This makes it suitable for satellite communications or high-speed data transmission.
#### B. The "-R" Suffix
In modern electronics manufacturing, the `-R` suffix almost universally represents two things:
1. **RoHS Compliant:** The part is manufactured without lead, mercury, or cadmium.
2. **Tape and Reel Packaging:** The part is packaged for automated Pick-and-Place assembly machines.
#### C. Signal Integrity
These parts are engineered for low insertion loss and high stability under thermal stress. They are often used as filters or timing elements in circuits where precision is critical.
---
### 3. Common Applications
Due to its high-frequency rating, this component is generally found in:
* **Satellite Receivers:** Processing signals from orbital transmitters.
* **Radar Systems:** Used in automotive collision avoidance or industrial level-sensing.
* **Telecommunications:** Infrastructure for 5G backhaul or point-to-point microwave links.
* **Medical Equipment:** High-resolution imaging or diagnostic sensors.
---
### 4. Installation & Handling
| Requirement | Instruction |
| :--- | :--- |
| **Soldering** | Reflow soldering is recommended due to the SMD nature. |
| **ESD Sensitivity** | High; must be handled in an Electrostatic Protected Area (EPA). |
| **Storage** | Moisture Sensitivity Level (MSL) 1 or 3; keep in vacuum-sealed bags. |
---
- ⤷What is the exact manufacturer for the 18HZ-3166-R?
- ⤷ Are there pin-compatible alternatives for this specific part?
- ⤷ What is the typical operating temperature range for this component?