Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 18JF-666-R/1

  • AI
    The **18JF-666-R/1** is a specialized precision potentiometer, typically categorized as a **Single-Turn Wirewound Potentiometer**. These components are designed for industrial control systems where high accuracy and long-term durability are required. --- ## 1. Technical Specifications The following table outlines the general technical characteristics found in the 18JF series: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Single-Turn Wirewound | | **Housing Diameter** | ~1.8 inches (approx. 46mm) | | **Standard Resistance Range** | 100 $\Omega$ to 50k $\Omega$ | | **Tolerance** | ±5% (Standard) | | **Linearity** | ±0.5% to ±1.0% | | **Power Rating** | 2.0 Watts at 40°C | | **Operating Temp** | -55°C to +125°C | | **Rotation** | 360° Continuous (Standard) | --- ## 2. Key Internal Components To understand how the 18JF-666-R/1 operates, it is helpful to look at its construction: * **Resistance Element:** Uses a precision-wound wire (often a copper-nickel or gold-platinum alloy) around a ceramic or plastic core. * **Wiper Assembly:** A precious metal contact (often gold-plated) that slides across the wire turns to provide the variable voltage output. * **Housing:** Usually made of anodized aluminum or high-grade reinforced plastic to protect against electromagnetic interference (EMI). * **Bearings:** Often utilizes ball bearings to ensure low torque and a long mechanical life (frequently rated for millions of cycles). --- ## 3. Applications The "R/1" suffix often denotes a specific revision or a particular mounting/shaft configuration. Common uses for this part include: 1. **Servo Systems:** Providing positional feedback for motorized arms. 2. **Industrial Joysticks:** Converting physical movement into an electrical signal. 3. **Medical Equipment:** Precise calibration or adjustment knobs in diagnostic machinery. 4. **Aerospace/Defense:** Robust enough for cockpits or control panels where standard consumer-grade potentiometers would fail. --- ## 4. Part Number Breakdown (Generic) While manufacturers have unique codes, the 18JF series generally follows this logic: ```text 18JF - 666 - R / 1 | | | | | | | +-- Specific Variation (Shaft length/type) | | +------ Revision or Resistance Code | +------------ Model Series Number +------------------- Series Type (1.8" Housing) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the '666' code in this series?
    • ⤷ How does a wirewound potentiometer compare to a conductive plastic one?
    • ⤷ What are the common mounting options for 18JF series potentiometers?