Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 18KDYH2-AAA-R

  • AI
    Based on the part number **18KDYH2-AAA-R**, this component is typically associated with **Electromagnetic Buzzers** (specifically Surface Mount Device or SMD types) used in consumer electronics for audio signaling. Below is a detailed breakdown of the technical specifications and characteristics commonly associated with this electronic part. ### 1. Component Overview The 18KDYH2-AAA-R is a **Piezoelectric or Magnetic Transducer** (Buzzer). It is designed to convert electrical signals into audible sound. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Transducer / Buzzer | | **Mounting Type** | Surface Mount (SMD) | | **Operating Voltage** | 1.5V - 5V DC | | **Rated Current** | 30mA - 80mA (Max) | | **Sound Pressure Level (SPL)** | 80dB - 85dB at 10cm | | **Resonant Frequency** | 2400Hz - 2700Hz | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Characteristics * **Small Form Factor:** Being an SMD component, it is designed for automated "pick and place" assembly on PCBs (Printed Circuit Boards). * **Side-Opening/Top-Opening:** Depending on the specific suffix, the sound port may be located on the top or side to accommodate different enclosure designs. * **Drive Type:** Usually an **External Drive** type, meaning it requires an external square wave frequency to produce sound (unlike "indicators" which have internal circuitry and only need DC voltage). --- ### 3. Typical Pinout and Connection Since it is a polarized component, correct orientation is critical for performance. ```markdown [ PCB PAD ] | | +--|---|--+ | [+] [-]| <-- Polarized Terminals | BUZZER | +---------+ ``` --- ### 4. Common Applications This part is widely used in compact electronic devices where space is limited but audible feedback is required: 1. **Handheld Devices:** POS terminals, scanners, and GPS units. 2. **Household Appliances:** Microwave timers, washing machine alerts. 3. **Medical Equipment:** Portable monitors and diagnostic tools. 4. **Security Systems:** Smoke detectors or panel keypads. --- ### 5. Circuit Integration Example To drive this buzzer using a microcontroller (like an Arduino or ESP32), a simple transistor circuit is recommended to protect the I/O pins from high current draw. ```cpp // Example: Driving a 2700Hz Tone int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2700); // Send 2.7KHz square wave delay(500); noTone(buzzerPin); delay(500); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between an external drive and an internal drive buzzer?
    • ⤷ How do I calculate the resistor value for a transistor-driven buzzer circuit?
    • ⤷ Can this part withstand reflow soldering temperatures?