18KJM-166-R
AI

The **18KJM-166-R** is a specific part number typically associated with high-performance **Magnetic Modular Jacks (MagJacks)** or RJ45 connectors with integrated magnetics. These components are primarily used in networking hardware to interface between the Physical Layer (PHY) chip and the Ethernet cable.
### 1. General Specifications
While specific datasheets can vary by manufacturer (often associated with brands like **UDE** or **Foxconn**), the "18KJM" series generally follows these technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Port Configuration** | 1x1 (Single Port) |
| **Orientation** | Right Angle (Through-Hole) |
| **Data Rate Support** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Shielding** | Metal Shield with EMI fingers |
| **LEDs** | Often integrated (usually Green/Yellow) |
---
### 2. Key Electronic Components Inside
The "MagJack" is not just a plastic connector; it contains a tiny PCB inside with several passive components:
* **Isolation Transformers:** Provides 1500V AC isolation to protect the sensitive internal circuitry from external electrical surges or static on the network line.
* **Common Mode Chokes:** These are used to filter out Electromagnetic Interference (EMI) and noise, ensuring signal integrity over long cable runs.
* **Termination Resistors:** Usually 75-ohm resistors (Bob Smith Termination) used to reduce impedance mismatches and EMI.
* **High-Voltage Capacitors:** Typically 1000pF/2kV capacitors to shunt common-mode noise to the chassis ground.
---
### 3. Application Areas
This part is commonly found in the following electronic devices:
1. **Network Switches/Routers:** Providing the physical interface for LAN ports.
2. **Industrial PCs:** Used in rugged environments where EMI shielding is critical.
3. **Embedded Systems:** Microcontroller boards (like those using STM32 or NXP chips) that require an Ethernet peripheral.
4. **Gaming Consoles:** High-speed data transfer interfaces.
---
### 4. Technical Precautions
* **Footprint Compatibility:** Always check the PCB landing pattern, as the pinout for the LEDs and the signal pins can vary between "R" (Tab Up) and standard (Tab Down) versions.
* **PoE (Power over Ethernet):** Check the specific suffix to see if this model supports PoE. Standard models without specific internal wiring will not handle PoE power loads.
- ⤷
What is the difference between Tab-Up and Tab-Down RJ45 connectors?
- ⤷ How do I test the signal integrity of a MagJack like the 18KJM-166-R?
- ⤷ Can this part be used for 10-Gigabit Ethernet applications?