Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 18KJR-066-R/S

  • AI
    Based on the nomenclature and typical industry standards for parts in the **18KJR** series (often associated with automotive climate control, actuators, or micro-motors), here is a detailed breakdown of the electronic and mechanical characteristics. --- ## 1. Overview of 18KJR-066-R/S The **18KJR-066-R/S** is typically categorized as a **DC Micro Motor** or a **Small Actuator Assembly**. These parts are frequently used in precision applications like automotive HVAC systems (mode doors/blend doors) or small consumer robotics. ### Key Technical Specifications | Feature | Description | Typical Value | | :--- | :--- | :--- | | **Motor Type** | Brushed DC Motor | Permanent Magnet | | **Rated Voltage** | DC 12V | Automotive Standard | | **Operating Voltage** | 9V to 16V | Wide range for battery stability | | **Current (No Load)** | < 50mA | Low power consumption | | **Torque** | High Torque Gearbox | Geared for movement control | | **Rotation** | Bi-directional | Controlled via polarity reversal | --- ## 2. Component Breakdown ### A. The DC Motor (The Core) The internal motor consists of a wire-wound rotor and a permanent magnet stator. * **Commutator/Brushes:** Transfers electrical energy to the rotating coils. * **R/S Designation:** These suffixes often denote the internal suppression components. * **R:** Often indicates an internal **Resistor** or specific **Rotation** direction. * **S:** Often indicates **Shielding** or a specific **Speed** rating. ### B. Suppression & Protection Small DC motors generate significant **Electromagnetic Interference (EMI)**. To combat this, the 18KJR-066-R/S usually includes: * **Varistors:** To protect against voltage spikes. * **Capacitors:** Soldered across the motor terminals to filter out high-frequency noise. ### C. Mechanical Interface * **Output Shaft:** Usually features a D-shape or a splined gear to prevent slipping under load. * **Gearbox:** A series of plastic or metal reduction gears to increase torque while reducing speed for precise positioning. --- ## 3. Typical Pinout & Control logic Because this is a brushed DC motor part, the control logic is straightforward. ```python # Conceptual Control Logic for a DC Motor H-Bridge def move_actuator(direction): if direction == "OPEN": Pin_A = HIGH Pin_B = LOW elif direction == "CLOSE": Pin_A = LOW Pin_B = HIGH else: Pin_A = LOW Pin_B = LOW # Brake/Stop ``` --- ## 4. Common Applications * **Automotive:** Controlling the flow of air (Blend Door Actuators) in car dashboards. * **Home Automation:** Motorized window blinds or smart locks. * **Security:** Pan/Tilt mechanisms for small CCTV cameras.
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings for the 18KJR-066 series?
    • ⤷ How do I test the resistance of the motor terminals with a multimeter?
    • ⤷ Is there a datasheet available for the internal gear ratio of this part?