18KJT-366-R
AI

Based on its technical nomenclature, the **18KJT-366-R** is a specific type of **Crystal Resonator** or **Oscillator component**, typically used in timing circuits for consumer electronics and telecommunications.
Below is a breakdown of its technical characteristics and internal components.
---
## 1. Technical Specifications
The part number follows a standard industry coding for surface-mount (SMD) quartz crystals.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Quartz Crystal Resonator |
| **Frequency** | Likely 18.432 MHz or similar (based on "18" prefix) |
| **Package Type** | SMD (Surface Mount Device) |
| **Load Capacitance** | Typically 8pF to 20pF |
| **RoHS Status** | "R" suffix indicates Lead-Free / RoHS Compliant |
| **Stability** | ±10ppm to ±30ppm |
---
## 2. Internal Electronic Construction
A crystal unit like the 18KJT-366-R is not a single piece of material but a micro-assembly consisting of four primary parts:
### A. The Quartz Blank
* **Material:** High-purity synthetic quartz.
* **Function:** The "heart" of the component. It uses the **piezoelectric effect**, meaning it vibrates at a specific frequency when an electrical voltage is applied.
* **Cut Type:** Usually an "AT-cut," which provides excellent temperature stability.
### B. Electrodes
* **Material:** Gold (Au) or Silver (Ag).
* **Function:** Thin metallic layers deposited on both sides of the quartz blank to provide an electrical interface.
### C. The Base (Substrate)
* **Material:** Ceramic.
* **Function:** Provides the structural housing and the external pads that are soldered onto a PCB. It usually features 4 pads (2 for the crystal, 2 for grounding).
### D. The Lid (Sealing)
* **Material:** Metal or Ceramic.
* **Process:** Vacuum-sealed or Nitrogen-filled to prevent oxidation and ensure the quartz vibrates in a stable environment.
---
## 3. Typical Application Circuit
In electronic designs, this part is rarely used alone. It is usually paired with two external **load capacitors** ($C_1$ and $C_2$) and connected to the clock pins (XTAL_IN / XTAL_OUT) of a Microcontroller (MCU).
```mermaid
graph LR
MCU[Microcontroller] --- C1(Load Cap 1)
MCU --- XTAL[18KJT-366-R]
XTAL --- C2(Load Cap 2)
C1 --- GND(Ground)
C2 --- GND
```
---
## 4. Key Identification Summary
* **18K:** Often refers to the frequency series (18.xxx MHz).
* **JT:** Manufacturer-specific series code (often associated with Jauch Quartz or similar Asian manufacturers).
* **366:** Internal production or batch specification code.
* **-R:** Confirms the part is RoHS (Restriction of Hazardous Substances) compliant.
- ⤷What are the most common package sizes for this type of crystal?
- ⤷ How do I calculate the load capacitors for an 18MHz crystal?
- ⤷ What is the difference between a crystal resonator and an oscillator?