18KPP-122-R/S
AI

The **18KPP-122-R/S** refers to a specific series of **Miniature Peristaltic Pumps** manufactured by Takasago Electric (or similar specialized fluidic component manufacturers). These parts are designed for precision fluid handling in medical, analytical, and laboratory equipment.
---
### 1. Technical Specifications
The part number "18KPP-122-R/S" can be broken down into its functional components:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Peristaltic Pump (Roller-based) |
| **Drive Voltage** | Typically 12V or 24V DC (Model dependent) |
| **Flow Rate** | Approx. 100 - 150 ml/min (Depending on tube size) |
| **Tubing Material** | Silicone, PharMed, or Norprene (R/S indicates tube type/size) |
| **Motor Type** | Brushed DC Motor |
| **Housing Material** | Polyacetal / PPS Plastic |
---
### 2. Electronic Operating Principles
The 18KPP series operates through a combination of mechanical and electronic integration:
* **DC Motor Drive:** The unit is powered by a standard DC motor. Speed control is achieved via **PWM (Pulse Width Modulation)**. By varying the duty cycle of the voltage, the rotational speed of the rollers—and thus the flow rate—can be precisely managed.
* **Rotary Action:** The electronic motor drives a rotor with rollers. These rollers compress a flexible tube, creating a vacuum that "pushes" the fluid through the system (peristalsis).
* **Directional Control:** By reversing the polarity of the DC input, the pump can operate in both clockwise and counter-clockwise directions, allowing for bidirectional fluid flow.
---
### 3. Key Electronic Features
* **Low Power Consumption:** Designed for battery-operated or energy-efficient medical devices.
* **Electromagnetic Compatibility (EMC):** Often includes internal suppression to prevent electrical noise from interfering with sensitive sensors in analytical instruments.
* **Compact Footprint:** The "18" in the series usually denotes a small form factor (approx. 18mm-25mm width), making it suitable for PCB mounting or tight enclosures.
---
### 4. Common Applications
1. **Medical Diagnostics:** Reagent dispensing in IVD (In-Vitro Diagnostics) machines.
2. **Environmental Monitoring:** Sampling water or air for chemical analysis.
3. **Inkjet Printing:** Managing ink flow and waste suction.
4. **Laboratory Automation:** Precise titration and liquid handling.
- ⤷
How do I calculate the PWM frequency for controlling the flow rate of this pump?
- ⤷ What are the chemical compatibility differences between the 'R' and 'S' tubing options?
- ⤷ Is there a stepper motor version of the 18KPP series for higher precision?