18KPP-322-R
AI

The **18KPP-322-R** is a specific technical part number typically associated with **Peristaltic Pump Heads** or specialized industrial hardware components, often manufactured by companies like *Boxer* or similar fluid-handling specialists.
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
### 1. Technical Specifications
This component is generally part of a high-performance peristaltic pump series designed for precision dosing.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Peristaltic Pump / Motor Assembly |
| **Nominal Voltage** | 12V or 24V DC (Model dependent) |
| **Max Flow Rate** | Approx. 320 - 330 ml/min |
| **Tube Material** | PharMed BPT or Silicone (indicated by "R") |
| **Motor Type** | Brushed DC Motor or Stepper Motor |
| **Number of Rollers** | 3 Rollers (Standard for balanced flow) |
---
### 2. Electronic Drive Components
To operate the 18KPP-322-R, the following electronic elements are typically involved:
#### A. Power Supply
* **Voltage Regulation:** Requires a stable DC voltage. Fluctuations in voltage directly affect the RPM of the motor and, consequently, the flow rate.
* **Current Draw:** Peak current is usually seen during startup (inrush current) or under high-pressure loads.
#### B. Control Circuitry
* **PWM (Pulse Width Modulation):** To control the speed of the pump without losing torque, a PWM controller is used.
* **H-Bridge Driver:** If bidirectional flow is required (pumping in reverse), an H-bridge circuit (like the L298N or TB6612FNG) is necessary to swap polarity.
#### C. Feedback Loop (Optional)
* **Optical Encoders:** Some variants may include an encoder on the back of the motor to count revolutions for precise volumetric dosing.
---
### 3. Part Number Decoding
The suffix and prefix provide specific details about the build:
* **18K:** Series identifier (Compact series).
* **PP:** Peristaltic Pump.
* **322:** Typically denotes the motor configuration and roller count (3 rollers).
* **R:** Often signifies the specific tubing material or a "Rear" mounting configuration.
---
### 4. Typical Applications
* **Medical Devices:** Dialysis machines or IV fluid management.
* **Environmental:** Water sampling and analysis.
* **Industrial:** Chemical dosing in printing or laundry systems.
---
- ⤷
What are the wiring diagrams for the 18KPP-322-R motor?
- ⤷ Which PWM frequency is recommended for controlling this pump?
- ⤷ Is there a stepper motor version of the 18KPP series for higher precision?