18KPP-422-R/S
AI

The **18KPP-422-R/S** refers to a specific configuration of a high-precision stepper motor, typically associated with the **NEMA 17** (42mm) frame size. These motors are commonly used in industrial automation, medical equipment, and precision robotics.
Below is a breakdown of the electronic and mechanical specifications for this part.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Frame Size** | NEMA 17 (42mm x 42mm) |
| **Type** | Hybrid Bipolar Stepper Motor |
| **Step Angle** | 1.8° (200 Steps per revolution) |
| **Connection Type** | "S" usually denotes a Lead Wire connection or a specific Connector Socket |
| **Phases** | 2-Phase |
| **Resistance** | Typically low-impedance for high-speed performance |
---
### 2. Detailed Electronic Components
#### A. Internal Windings
The motor utilizes copper windings arranged in a **bipolar** configuration. This requires a bridge-type driver (H-Bridge) to reverse the current flow through the coils, allowing for high torque at various speeds.
#### B. The Magnetic Rotor
The "18KPP" series usually features a multi-tooth permanent magnet rotor. The interaction between the electromagnetic field of the stator and the permanent magnet of the rotor creates the "holding torque" that keeps the motor in position when powered but not moving.
#### C. Connector Interface (The "R/S" suffix)
The suffix identifies the termination method:
* **R:** Often refers to a specific **Rear** shaft or a specific **RoHS** compliance rating depending on the manufacturer's catalog.
* **S:** Typically signifies a **Terminal Connector** (Header pins) rather than integrated flying leads, making it easier to replace in modular systems.
---
### 3. Compatible Electronic Drive System
To operate the 18KPP-422-R/S, an external electronic driver is required. The driver manages the "Microstepping" to increase resolution and smoothness.
```python
# Conceptual logic for a Stepper Driver (e.g., A4988 or DRV8825)
# This controls the electronic pulses sent to the motor coils
def move_stepper(steps, direction):
set_direction_pin(direction)
for i in range(steps):
pulse_high(STEP_PIN)
delay(MICROSECONDS) # Determines speed
pulse_low(STEP_PIN)
delay(MICROSECONDS)
```
---
### 4. Application Areas
* **3D Printers & CNC:** For X/Y/Z axis movement.
* **Automated Feeders:** In pharmaceutical or packaging lines.
* **Optical Equipment:** Positioning lenses or mirrors with high repeatability.
---
- ⤷What is the rated voltage and current for the 18KPP-422-R/S?
- ⤷ How do I wire this motor to an Arduino using a TB6600 driver?
- ⤷ Does this model support half-stepping or micro-stepping?