Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 18KRS-366-R

  • AI
    The **18KRS-366-R** typically refers to a high-performance **RS-366 series DC Brushed Motor**, often utilized in consumer electronics, small appliances, and automotive auxiliary systems. --- ### 1. Technical Specifications The following table outlines the general electrical and mechanical characteristics associated with this class of motor: | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | Permanent Magnet DC (PMDC) | | **Operating Voltage** | 6V – 24V DC (Nominal 12V or 18V) | | **No-Load Speed** | 5,000 – 15,000 RPM | | **Rated Torque** | 20 – 50 g.cm | | **Commutation** | Carbon Brush or Metal Brush | | **Shaft Diameter** | 2.3 mm | --- ### 2. Key Electronic Components While the motor is a mechanical actuator, its internal and external "parts" involve several electronic principles: * **The Commutator:** A rotary electrical switch that reverses the current direction between the rotor and the external circuit. * **Carbon Brushes:** These deliver the DC current to the commutator. The "R" in the model often signifies specific brush materials or internal noise suppression (Resistor/Varistor). * **Varistor (Internal):** Many 366 series motors include an internal ring varistor to suppress **Electromagnetic Interference (EMI)** and prevent voltage spikes that could damage nearby microcontrollers. * **Windings:** High-purity copper coils wrapped around the armature, designed to handle the specific current draw (Amperage) defined by the 18K/366 winding pattern. --- ### 3. Common Applications Due to its balance of speed and torque, this part is frequently found in: 1. **Automotive:** Door lock actuators, mirror adjusters, and fuel lid openers. 2. **Personal Care:** Hair dryers (fan motor) and massagers. 3. **Home Office:** Printers, scanners, and small shredders. --- ### 4. Integration Considerations If you are designing a circuit for this motor, consider these electronic requirements: ```cpp // Example: PWM Speed Control Concept int motorPin = 9; // Connect to Gate of MOSFET void setup() { pinMode(motorPin, OUTPUT); } void loop() { analogWrite(motorPin, 128); // Run motor at 50% duty cycle } ``` * **Flyback Diode:** Always use a diode (e.g., 1N4007) in parallel with the motor to protect your driver from inductive back-EMF. * **Decoupling Capacitors:** Adding 0.1µF ceramic capacitors between the motor terminals and the casing can further reduce electronic noise.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the 18KRS-366-R under stall conditions?
    • ⤷ How does the '18K' prefix specifically affect the torque-to-speed ratio compared to other 366 models?
    • ⤷ Which H-Bridge motor driver is recommended for controlling this motor with an Arduino?