Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 18PP-222-R

  • AI
    The **18PP-222-R** is a specific electronic component, primarily identified as a **high-precision, metal film resistor** or a custom-spec industrial power component, often associated with manufacturers like **VPG (Vishay Precision Group)** or specialized electronics distributors. --- ## 1. Technical Specifications The part number typically breaks down into specific electrical characteristics. Below are the standard specifications for this series: | Property | Description | | :--- | :--- | | **Component Type** | Precision Metal Film Resistor | | **Resistance Value** | 2.22 kΩ (derived from "222") | | **Tolerance** | Usually ±0.1% or ±0.01% (High Precision) | | **Power Rating** | 0.125W to 0.25W (depending on package size) | | **Temperature Coefficient** | ±2 ppm/°C to ±5 ppm/°C (Ultra-stable) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Key Internal Characteristics The "18PP" series is engineered for applications where stability is critical. ### A. Material Composition * **Metal Film:** The resistive element is a thin layer of metal alloy deposited onto a high-grade ceramic core. * **Lead-Free (-R):** The suffix confirms the part meets global environmental standards for lead-free soldering processes. ### B. Performance Features * **Low Noise:** Metal film construction ensures minimal thermal noise compared to carbon composition resistors. * **High Stability:** Designed to maintain its resistance value even under fluctuating voltage or temperature changes. * **Tight Tolerance:** Used in circuits where even a 1% deviation would cause system failure. --- ## 3. Common Applications Due to its high precision, the 18PP-222-R is found in the following environments: 1. **Measurement Instrumentation:** Multi-meters, scales, and laboratory sensors. 2. **Medical Electronics:** Monitoring equipment where signal accuracy is life-critical. 3. **Audio Processing:** High-end audio converters (DACs) to prevent signal distortion. 4. **Aerospace/Defense:** Navigation systems requiring long-term reliability in harsh conditions. --- ## 4. Visual Identification ```text ___________________ [ (///) 222-R ] <-- Typical markings include value/code [___________________] | | Lead Lead ```
    ✨ Follow-up Questions
    • ⤷ What are the alternative components if the 18PP-222-R is out of stock?
    • ⤷ How does the temperature coefficient affect the performance of this resistor?
    • ⤷ Can this part be used in high-frequency RF circuits?