18PR-11-R
AI

The **18PR-11-R** is a specific model of a **Miniature Photocell (Photoresistor) Sensor**, typically used in light-sensing applications. It is part of a broader category of Light Dependent Resistors (LDRs) designed for precision and reliability in compact electronic circuits.
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics for the 18PR series sensors:
| Parameter | Specification |
| :--- | :--- |
| **Type** | CdS (Cadmium Sulfide) Photocell |
| **Peak Spectral Response** | ~540 nm (Visible Light Spectrum) |
| **Light Resistance (at 10 Lux)** | Approx. 10kΩ – 20kΩ |
| **Dark Resistance (Min)** | 1.0 MΩ (after 10 seconds in darkness) |
| **Max Voltage** | 150 VDC |
| **Power Dissipation** | 100 mW |
| **Operating Temperature** | -30°C to +70°C |
---
### 2. Physical Construction
The "18PR" designation often refers to the physical size and epoxy coating style:
- **Sensor Diameter:** Typically 5mm to 7mm.
- **Coating:** Clear epoxy resin for environmental protection.
- **Lead Material:** Tinned oxygen-free copper.
- **Substrate:** Ceramic base for heat dissipation and stability.
---
### 3. Working Principle
The 18PR-11-R operates based on the principle of **Photoconductivity**:
1. **Light Absorption:** When photons hit the CdS surface, electrons are excited into the conduction band.
2. **Resistance Drop:** As light intensity increases, the resistance of the component decreases significantly.
3. **Signal Conversion:** In a circuit, this change in resistance is usually converted into a voltage change using a **Voltage Divider** circuit.
### 4. Typical Application Circuit
To use the 18PR-11-R with a microcontroller (like an Arduino), a simple voltage divider is used:
```cpp
// Example: Reading light levels via 18PR-11-R
int sensorPin = A0; // Connected to the divider output
int sensorValue = 0;
void setup() {
Serial.begin(9600);
}
void loop() {
sensorValue = analogRead(sensorPin);
Serial.println(sensorValue); // Higher value = More light
delay(500);
}
```
---
### 5. Common Applications
* **Automatic Lighting:** Street lamps or night-lights that turn on at dusk.
* **Security Systems:** Detecting a beam break or a room light turning on.
* **Industrial Controls:** Counting objects on a conveyor belt by sensing light interruption.
* **Display Dimming:** Adjusting screen brightness based on ambient light levels.
- ⤷
How do I calculate the specific resistor value for a voltage divider using the 18PR-11-R?
- ⤷ What are the environmental limitations of CdS sensors compared to Photodiodes?
- ⤷ Is the 18PR-11-R RoHS compliant given its Cadmium content?