Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 18RK-466-R

  • AI
    The part number **18RK-466-R** typically refers to a high-quality **NTC (Negative Temperature Coefficient) Thermistor**, often used in industrial, HVAC, and automotive applications for precise temperature sensing and compensation. Below is a detailed breakdown of its specifications, characteristics, and typical use cases. --- ## 1. Technical Specifications The "18RK" series is generally characterized by its epoxy-coated bead design and specific resistance values. | Feature | Description | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Resistance at 25°C** | 46.6k Ohms (Typical for the '466' code) | | **Tolerance** | Usually ±1% to ±5% (depending on specific suffix) | | **Response Time** | Fast (due to small thermal mass) | | **Coating** | Epoxy Resin (Radial Leaded) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ## 2. Key Characteristics As an **NTC** device, its primary function is to change electrical resistance based on temperature: * **Inverse Relationship:** As the temperature increases, the electrical resistance of the part decreases. * **High Sensitivity:** Small changes in temperature result in significant changes in resistance, making it much more sensitive than thermocouples or RTDs in specific ranges. * **Stability:** The 18RK series is designed for long-term stability in moderate environments (typically -40°C to +125°C). --- ## 3. Common Applications Due to its accuracy and form factor, the 18RK-466-R is used in several electronic contexts: ### A. Temperature Monitoring * **Battery Packs:** Monitoring cell temperature during charging/discharging to prevent thermal runaway. * **HVAC Systems:** Air temperature sensors in thermostats and climate control units. ### B. Circuit Protection * **Overheat Sensing:** Used as a trigger for cooling fans or system shutdowns if a component exceeds its safe operating temperature. ### C. Temperature Compensation * **Oscillators & Amplifiers:** Offsetting the drift caused by heat in other sensitive electronic components to maintain signal integrity. --- ## 4. Part Number Breakdown (Generic) While manufacturers vary slightly, the nomenclature usually follows this logic: 1. **18RK:** Series designation (Epoxy-coated, radial lead). 2. **466:** Resistance code. The "46" usually represents the significant digits, and the "6" indicates the multiplier or a specific curve match (46.6k $\Omega$). 3. **-R:** Lead-free / RoHS compliant.
    ✨ Follow-up Questions
    • ⤷ What is the standard resistance-temperature (R-T) curve for this thermistor?
    • ⤷ Can this part be used in liquid immersion applications?
    • ⤷ What are the recommended soldering parameters for radial leaded thermistors?