18RS-36-R
AI

The **18RS-36-R** is a specific model identifier typically associated with a **Compact 18mm Rotary Selector Switch** or a similar electromechanical component often used in industrial control panels or consumer electronics.
Below is a detailed breakdown of the electronic and mechanical specifications for this type of component.
---
### 1. General Specifications
The part number follows a standard nomenclature for rotary switches. Here is a summary of its technical profile:
| Feature | Specification |
| :--- | :--- |
| **Diameter** | 18mm (Outer frame/body size) |
| **Contact Type** | Standard Rotary (Single or Multi-pole) |
| **Mounting Style** | Panel Mount / Through-hole |
| **Termination** | Solder lugs or PC pins |
| **Operating Voltage** | Typically 125V AC / 28V DC |
| **Current Rating** | ~0.3A to 0.5A (varies by manufacturer) |
---
### 2. Internal Electronic Parts
The "18RS" series generally consists of several key internal elements that manage the electrical signal:
* **Rotor:** The moving part connected to the shaft. It contains the common contact point.
* **Stator:** The stationary base made of an insulating material (like phenolic or diallyl phthalate) that holds the output terminals.
* **Contact Wiping System:** Usually silver-plated or gold-plated brass. These ensure low contact resistance and prevent oxidation over long periods of use.
* **Detent Mechanism:** A spring-loaded ball or "star wheel" inside that provides the tactile "click" and ensures the switch stops precisely at each electrical position.
---
### 3. Part Number Breakdown (Typical)
While naming conventions can vary slightly between manufacturers (like Grayhill or NKK), the code usually breaks down as follows:
1. **18:** Refers to the physical diameter (18mm).
2. **RS:** Stands for **R**otary **S**witch.
3. **36:** Refers to the **Angle of Throw**. In this case, 36 degrees.
* *Calculation:* 360° / 36° = **10 possible positions**.
4. **R:** Often denotes **RoHS Compliant** or a specific **Shaft/Seal** style (e.g., Rounded or Rubber-sealed).
---
### 4. Common Applications
Due to its small footprint and reliable detent, the 18RS-36-R is found in:
* **Test Equipment:** Selecting between different measurement ranges (Volts, Amps, Ohms).
* **Audio Interfaces:** Selecting input sources or gain stages.
* **Medical Devices:** Mode selection for portable diagnostic tools.
* **Industrial Controls:** Setting timer values or operation modes.
---
### 5. Wiring Diagram Concept
In a 36-degree throw configuration, the wiring usually looks like this in a circuit:
```text
[Terminal 1] --- 36°
/
[COM] --- [Terminal 2] --- 72°
\
[Terminal 3] --- 108°
... (up to 10 positions)
```
- ⤷
What is the maximum current rating for the 18RS-36-R?
- ⤷ How does the '36-degree throw' affect the number of switch positions?
- ⤷ Are there waterproof versions of this rotary switch available?