AI

The **18TS-066-R** is a specific part number typically associated with a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical input mechanism.
---
### 1. Technical Specifications
While exact specifications can vary slightly by manufacturer (common manufacturers for this series include companies like *XKB Connectivity* or *HRO*), the general parameters for the 18TS-066-R are as follows:
| Feature | Specification |
|:---|:---|
| **Type** | Momentary Tactile Switch |
| **Mounting Type** | Through-Hole (DIP) |
| **Dimensions** | 6.0mm x 6.0mm (Base) |
| **Height** | Variable (often indicated by the suffix, usually around 5mm to 9.5mm) |
| **Operating Force** | 160gf to 250gf (Grams-force) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | < 100 mΩ |
| **Insulation Resistance** | > 100 MΩ |
| **Travel Distance** | 0.25mm ± 0.1mm |
---
### 2. Key Features and Design
* **Tactile Feedback:** The switch provides a distinct "click" feel and audible sound when pressed, confirming to the user that the circuit has been closed.
* **Momentary Action:** The electrical connection is only made while the button is being held down. Once released, the switch returns to its "Normally Open" (NO) state.
* **4-Pin Layout:** Although it is a single-pole single-throw (SPST) switch, it usually has 4 pins. Two pins are connected internally on each side to provide mechanical stability on the PCB.
* **Durability:** Most switches in this series are rated for 100,000 to 500,000 cycles.
---
### 3. Pinout and Circuit Representation
In a standard 6x6mm tactile switch like the 18TS-066-R, the pins are arranged in pairs.
```text
[ Pin 1 ]---(Internal)---[ Pin 2 ]
| |
(Switch) (Switch)
| |
[ Pin 3 ]---(Internal)---[ Pin 4 ]
```
* **Pins 1 and 2** are permanently connected.
* **Pins 3 and 4** are permanently connected.
* Pressing the button connects the **1-2 pair** to the **3-4 pair**.
---
### 4. Common Applications
* **Consumer Electronics:** Volume buttons, power buttons on monitors, and reset buttons.
* **Prototyping:** Frequently used with Arduino or Raspberry Pi on breadboards.
* **Household Appliances:** Microwave control panels, washing machine interfaces.
* **Input Devices:** Keyboards, remote controls, and game controllers.
---
### 5. Part Number Breakdown (Generic)
| Segment | Meaning |
|:---|:---|
| **18TS** | Product Series (Tactile Switch) |
| **066** | Size Code (6.0mm x 6.0mm) |
| **-R** | Often denotes "RoHS Compliant" or "Tape & Reel" packaging |
- ⤷
What is the footprint size required for soldering this switch onto a PCB?
- ⤷ Can this switch handle AC voltage applications?
- ⤷ What are the common failure modes for tactile switches like the 18TS-066-R?