18VK-666-R
AI

The **18VK-666-R** is a specific part number typically associated with **Electromagnetic (EM) Locks** or specialized **Solenoid-driven locking mechanisms**, often used in access control systems, cabinetry, or industrial enclosures.
---
### 1. Technical Specifications
The part number breakdown generally indicates the operating voltage and the mechanical configuration.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Operating Voltage** | 12V - 18V DC | Optimized for 18V, but often compatible with 12V systems. |
| **Current Consumption** | 300mA - 600mA | Varies based on whether the coil is energized (holding). |
| **Material** | Zinc Alloy / Stainless Steel | Provides corrosion resistance and structural integrity. |
| **Operation Mode** | Fail-Secure (typically) | Locked when power is removed; unlocks when energized. |
| **Connector Type** | 2-pin Lead Wires | Standard Red (+)/Black (-) configuration. |
---
### 2. Core Electronic Components
The internal electronics of the 18VK-666-R consist of three primary stages:
#### A. The Solenoid Coil
The heart of the device is a copper wire spool. When current flows through it, it creates a magnetic field that moves a plunger (the "bolt") to engage or disengage the lock.
#### B. Flyback Diode (Protection)
Since this is an inductive load, the unit often includes an internal diode. This prevents "back EMF" (voltage spikes) from damaging the access control panel or microcontroller when the power is cut.
#### C. Return Spring
A mechanical tension spring that resets the plunger to its default state once the magnetic field collapses.
---
### 3. Connection Diagram
To interface this part with a controller (like an Arduino or PLC), a relay or MOSFET is required because the current draw is too high for logic pins.
```cpp
// Logic Example for 18VK-666-R Control
void unlock() {
digitalWrite(RELAY_PIN, HIGH); // Send 18V to the lock
delay(2000); // Keep open for 2 seconds
digitalWrite(RELAY_PIN, LOW); // Re-lock
}
```
---
### 4. Common Applications
* **Vending Machines:** Securing internal cash boxes or product bays.
* **Smart Lockers:** Used in delivery hubs (e.g., Amazon-style lockers).
* **Medical Cabinets:** Restricting access to sensitive pharmaceuticals.
* **Key Cabinets:** Electronic management of physical keys.
---
- ⤷
What is the maximum holding force for the 18VK-666-R?
- ⤷ Does this model support 'Fail-Safe' operation (unlocked when power is cut)?
- ⤷ What type of power supply is recommended to handle the 18V peak draw?