AI

The **18VP-261S-R** is a specific part number primarily associated with **DC coreless vibration motors** (commonly referred to as eccentric rotating mass or ERM motors). These components are widely used in handheld devices to provide haptic feedback.
---
### 1. Technical Specifications
While exact data can vary slightly by manufacturer (often branded under Jinlong or similar micro-motor specialists), the standard specifications for this series are as follows:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Cylindrical Coreless Vibration Motor |
| **Rated Voltage** | 3.0V DC |
| **Operating Voltage** | 2.2V - 3.6V DC |
| **Rated Current** | 80mA - 100mA (Max) |
| **Rated Speed** | 10,000 ~ 14,000 RPM |
| **Rotation** | Clockwise (CW) / Counter-Clockwise (CCW) |
| **Weight Attachment** | Eccentric Weight (Pendulum) |
---
### 2. Key Components & Construction
The "18VP" designation refers to the motor's architecture. Here is a breakdown of its physical build:
* **Permanent Magnet:** Uses a high-strength neodymium magnet to create a static magnetic field.
* **Coreless Coil:** Unlike standard motors, the rotor consists of a copper coil bonded together without an iron core. This reduces weight and allows for faster acceleration/deceleration.
* **Eccentric Mass:** A semi-circular metal weight (usually tungsten or brass) is attached to the shaft. As it spins, the unbalanced mass creates a centrifugal force, resulting in vibration.
* **Commutator/Brushes:** Internal metal brushes transfer current to the rotating coil.
---
### 3. Common Applications
Due to its small form factor and low power consumption, the 18VP-261S-R is found in:
* **Mobile Phones:** For silent alerts and ringtone vibration.
* **Wearables:** Smartwatches and fitness trackers.
* **Medical Devices:** Small handheld alerts for glucose monitors or pagers.
* **Toys:** Simple vibrating mechanisms.
---
### 4. Implementation Circuit
To control this motor using a microcontroller (like an Arduino or ESP32), a simple transistor driver circuit is required because the motor draws more current than a GPIO pin can provide.
```cpp
// Basic Arduino Control Logic
int motorPin = 9; // PWM pin
void setup() {
pinMode(motorPin, OUTPUT);
}
void loop() {
analogWrite(motorPin, 150); // Moderate vibration
delay(500);
analogWrite(motorPin, 0); // Stop
delay(1000);
}
```
---
- ⤷
What is the physical size/dimensions of the 18VP-261S-R motor?
- ⤷ Can this motor be driven directly by a microcontroller GPIO pin?
- ⤷ What are the differences between ERM and LRA vibration motors?