18VP-263S-R
AI

The **18VP-263S-R** is a specific part number typically associated with a **micro-motor** or a **geared motor assembly**, often used in small consumer electronics like optical disc drives (CD/DVD), office equipment, or small robotics.
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
### 1. Technical Specifications
The following table outlines the general technical parameters typical for this class of motor:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | Typically 3V to 6V DC |
| **Motor Type** | Brushed DC Micro Motor |
| **Output Type** | Geared Shaft (often with a worm gear or pulley) |
| **Material** | Metal housing with plastic internal gears (if applicable) |
| **Compliance** | RoHS Compliant (indicated by the "-R" suffix) |
---
### 2. Key Components & Construction
The "18VP" series generally follows a standard internal structure for small DC motors:
* **Rotor (Armature):** The internal rotating part consisting of copper wire coils.
* **Stator:** Permanent magnets located inside the motor housing that provide the magnetic field.
* **Brushes:** Precious metal or graphite brushes that transfer electrical current to the rotating commutator.
* **Commutator:** A segmented cylinder that reverses current flow to maintain continuous rotation.
* **Shaft:** The output component, which in the "263S" variant, often features a specific length and diameter suited for press-fit gears.
---
### 3. Applications
These parts are engineered for high-precision, low-torque movements. Common use cases include:
1. **Optical Drives:** Moving the laser pickup head or ejecting the disc tray.
2. **Printers:** Paper feeding mechanisms or moving the print head carriage.
3. **Smart Locks:** Actuating the deadbolt or locking pin in electronic door locks.
4. **Consumer Gadgets:** Small rotating displays or motorized toys.
---
### 4. Part Number Decoding (General)
While naming conventions vary by manufacturer (such as Mabuchi or Nidec), the code usually breaks down as follows:
* **18V:** Relates to the motor frame size or specific series diameter.
* **P:** Often denotes the magnet type or a specific performance tier.
* **263S:** The specific winding configuration (determines RPM and Torque).
* **-R:** Standard industry notation for **RoHS Compliance** (Restriction of Hazardous Substances).
- ⤷
What is the exact voltage range for the 18VP-263S-R?
- ⤷ Which manufacturer produces this specific motor part number?
- ⤷ What are the common failure modes for this type of micro-motor?