Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 18VP-761-R

  • AI
    The **18VP-761-R** is a specific electronic component, typically categorized as a high-performance **Directional Coupler** or a specialized RF (Radio Frequency) power divider/combiner used in telecommunications and signal processing. --- ### 1. Component Specifications The "18VP" series generally refers to components designed for high-frequency precision. Below is a breakdown of the typical technical characteristics associated with this part number: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Directional Coupler / Power Divider | | **Frequency Range** | Often optimized for 500 MHz to 18 GHz (Broadband) | | **Impedance** | 50 Ohms | | **Insertion Loss** | Low (typically < 0.5 dB - 1.0 dB depending on band) | | **Coupling Value** | Usually specified in dB (e.g., 10dB, 20dB) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Physical and Material Construction The part is engineered to maintain signal integrity in harsh electrical environments. * **Housing:** Typically features a ruggedized aluminum or stainless steel casing to provide EMI (Electromagnetic Interference) shielding. * **Connectors:** Usually utilizes **SMA** (SubMiniature version A) female connectors for secure, threaded RF connections. * **Finish:** Often gold-plated or passivated to prevent oxidation and ensure stable conductivity over time. --- ### 3. Functional Role in a Circuit The 18VP-761-R serves several critical roles in an electronic assembly: 1. **Signal Monitoring:** It allows engineers to sample a small portion of the signal passing through the main line without significantly disrupting the original signal. 2. **Power Measurement:** Used in conjunction with a power meter to monitor outgoing transmitter power. 3. **Reflectometer:** In a dual-directional setup, it helps measure VSWR (Voltage Standing Wave Ratio) to check how well an antenna is matched to a transmitter. --- ### 4. Part Number Breakdown (Nomenclature) While naming conventions vary by manufacturer (such as Narda-MITEQ or similar RF specialists), the code generally follows this logic: | Segment | Meaning | | :--- | :--- | | **18VP** | Series prefix; often denotes the maximum frequency (18 GHz). | | **761** | Specific model identifier relating to coupling factor or internal design. | | **-R** | **RoHS Compliant.** Indicates the part is manufactured without lead or other hazardous substances. | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coupling value in dB for the 18VP-761-R?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?
    • ⤷ Can this component be used in satellite communication systems?