18WT-1B66-R
AI

The **18WT-1B66-R** is a specific surface-mount (SMD) wire-wound chip inductor, typically manufactured by companies like **Walsin Technology Corporation**. These components are essential in radio frequency (RF) and power management circuits.
### 1. Technical Specifications
The part number follows a specific coding structure that defines its physical and electrical properties.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 18 nH | The nominal inductance value. |
| **Tolerance** | ±5% (J) / ±2% (G) | Variations depend on the specific sub-series. |
| **Case Size** | 0603 (1608 Metric) | Dimensions: 1.6mm x 0.8mm. |
| **Material** | Ceramic Core | Provides high-frequency stability and high Q factor. |
| **Mounting Type** | SMD/SMT | Surface Mount Technology for automated assembly. |
| **Current Rating** | ~600mA - 700mA | Maximum DC current it can handle without overheating. |
---
### 2. Key Features
* **High Q Factor:** Designed for high-frequency applications where low loss is critical.
* **SRF (Self-Resonant Frequency):** Typically features a very high SRF, making it suitable for RF tuning and matching.
* **Tight Tolerances:** The wire-wound construction allows for more precise inductance values compared to multilayer inductors.
* **Operating Temperature:** Generally rated for **-40°C to +125°C**, suitable for industrial and telecommunications use.
---
### 3. Common Applications
Due to its 18nH value and ceramic core, it is commonly found in:
1. **RF Matching Networks:** Impedance matching for antennas in Wi-Fi, Bluetooth, and cellular modules.
2. **LC Filters:** Used in high-pass or low-pass filters to eliminate noise.
3. **VCOs:** Voltage-controlled oscillators for signal generation.
4. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive ICs.
---
### 4. Part Number Breakdown (Typical)
While manufacturers vary slightly, the nomenclature usually follows this logic:
```text
18W - Series (Wire-wound)
T - Size (0603 / 1608)
1B - Value Code (18nH)
66 - Internal Design/Material Code
R - Packaging (Tape & Reel)
```
- ⤷What is the maximum DC resistance (DCR) for this 18nH inductor?
- ⤷ How does a ceramic core inductor differ from a ferrite core inductor?
- ⤷ Can this part be used in automotive-grade applications (AEC-Q200)?