19418-0029..
AI

The part number **19418-0029** refers to a high-performance industrial connector housing manufactured by **Molex**. It is part of the **MX150L™** Sealed Connector System.
### 1. General Specifications
The 19418-0029 is a receptacle housing designed for use in harsh environments where moisture and debris are present.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Molex |
| **Series** | MX150L (19418 Series) |
| **Product Type** | Receptacle Housing (Female) |
| **Number of Circuits** | 6 |
| **Number of Rows** | 2 |
| **Pitch (Mating Interface)** | 5.84mm (0.230") |
| **IP Rating** | IP67 (Waterproof/Dustproof) |
---
### 2. Key Features and Construction
* **Integrated Seals:** It features a pre-assembled mat-seal and an interfacial seal. This eliminates the need for individual cable seals, reducing assembly time.
* **TPA (Terminal Position Assurance):** It includes a secondary lock to ensure that the terminals are fully seated and to prevent them from backing out under vibration.
* **Durability:** The housing is typically made of high-quality polyester (PBT), providing excellent resistance to chemicals and temperature fluctuations.
* **No-Tooling Required:** The TPA can be seated without special tools, making it field-serviceable.
---
### 3. Electrical & Mechanical Properties
* **Current Rating:** Capable of handling up to **18.0A** per contact (depending on wire gauge).
* **Operating Temperature:** Ranges from **-40°C to +125°C**.
* **Color:** Typically Black.
* **Mating Part:** Typically mates with the **19419 series** plugs or **19429 series** PCB headers.
---
### 4. Common Applications
Due to its ruggedized nature, this part is commonly found in:
1. **Marine Equipment:** Boat wiring and outboard motor controllers.
2. **Off-Road Vehicles:** ATVs, snowmobiles, and agricultural machinery.
3. **Industrial Automation:** Sensor connections in wash-down environments.
4. **Commercial Vehicles:** Trucking lighting and engine compartment wiring.
---
### 5. Compatible Terminals
Note that the housing does not come with metal pins. You must purchase female terminals separately:
* **Molex 19420 Series:** Female Crimp Terminals (available for 14-22 AWG wire sizes).
- ⤷
Which specific female terminals are recommended for 14 AWG wire with this housing?
- ⤷ What is the difference between the MX150 and the MX150L series?
- ⤷ Can this connector be used for underwater applications permanently?