Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 1FST

  • AI
    The term **1FST** typically refers to a specific marking code found on surface-mount technology (SMT) components, most commonly associated with **Schottky Barrier Diodes** or specific **Voltage Regulators**. Below is a breakdown of the electronic specifications and characteristics associated with parts bearing this mark. --- ### 1. Component Identification In the electronics industry, small packages (like SOD-123 or SOT-23) do not have enough surface area for full part numbers. Manufacturers use short "marking codes." | Marking | Likely Component | Package Type | Function | | :--- | :--- | :--- | :--- | | **1FST** | BAT46W / BAT46WJ | SOD-123 | Small Signal Schottky Diode | | **1F** | BC847B | SOT-23 | NPN General Purpose Transistor | *Note: The "ST" suffix often refers to the manufacturer (STMicroelectronics).* --- ### 2. Technical Specifications (BAT46W Example) If your 1FST component is a Schottky Diode (the most common use of this code), these are the typical electrical parameters: | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 100V | Repetitive Peak Reverse Voltage | | **$I_{F(AV)}$** | 150mA | Average Forward Current | | **$V_F$ (Max)** | 0.45V - 1.0V | Low forward voltage drop (typical of Schottky) | | **$t_{rr}$** | < 5ns | Ultra-fast recovery time | | **Operating Temp** | -55 to +150 °C | Wide thermal range | --- ### 3. Key Applications Parts marked as 1FST are generally used for high-speed switching and protection due to their low capacitance and fast recovery times. * **Reverse Polarity Protection:** Protecting low-power circuits from battery reversal. * **Clamping Circuits:** Limiting voltage spikes in signal lines. * **High-Speed Switching:** Used in digital logic gates or RF detection. * **Voltage Rectification:** Converting small AC signals to DC in telecommunications. --- ### 4. How to Verify Because marking codes can overlap between manufacturers, follow these steps to confirm the part: 1. **Measure with a Multimeter:** Use the "Diode Test" mode. A Schottky diode will show a drop of **0.2V to 0.4V**, whereas a standard Silicon diode shows **0.6V to 0.7V**. 2. **Check the Logo:** Look for a small stylized "ST" (STMicroelectronics) or "N" (Nexperia) on the casing. 3. **Circuit Context:** If it has two leads, it is likely the diode; if it has three leads, it is likely a transistor or regulator. ---
    ✨ Follow-up Questions
    • ⤷How do I test a 1FST diode using a digital multimeter?
    • ⤷ What are the common alternatives or equivalents for the BAT46W diode?
    • ⤷ Can the 1FST code refer to a specific integrated circuit instead of a diode?