1HFAG-R
AI

The **1HFAG-R** refers to a high-performance **Chip Bead (Ferrite Bead)** manufactured by **Murata Electronics**. It is part of the **BLM18H** series, specifically designed for noise suppression in high-frequency circuits.
---
### 1. General Specifications
The 1HFAG-R is an EMI (Electromagnetic Interference) suppression filter. Below are its primary technical characteristics:
| Property | Value |
| :--- | :--- |
| **Full Part Number** | BLM18HG102SN1D (Commonly referred to as 1HFAG-R in specific catalogs) |
| **Package / Case** | 0603 (1608 Metric) |
| **Impedance (at 100 MHz)** | 1000 Ohms ± 25% |
| **Impedance (at 1 GHz)** | 1100 Ohms (Typical) |
| **Rated Current** | 100 mA |
| **DC Resistance (Max)** | 1.6 Ohms |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Key Features
* **High-Frequency Performance:** Unlike standard ferrite beads that lose effectiveness at higher frequencies, the "H" series (High Frequency) maintains high impedance even in the GHz range.
* **Internal Structure:** It utilizes a multilayer structure that creates high resistance against noise without needing a ground connection.
* **Size:** The 0603 footprint (1.6mm x 0.8mm) makes it ideal for compact mobile electronics.
---
### 3. Functional Application
The primary purpose of the 1HFAG-R is to act as a **low-pass filter**. It allows DC and low-frequency signals to pass with minimal resistance while absorbing and dissipating high-frequency noise as heat.
#### Common Use Cases:
1. **Mobile Devices:** Suppressing noise in smartphones, tablets, and wearables.
2. **Clock Lines:** Cleaning up high-speed clock signals to prevent "ringing" or EMI.
3. **Power Lines:** Filtering low-current power supply lines to prevent digital noise from affecting sensitive analog components.
4. **Interface Ports:** Filtering USB or HDMI data lines to meet EMC (Electromagnetic Compatibility) standards.
---
### 4. Technical Comparison: Standard vs. High Frequency
| Feature | Standard Ferrite Bead | 1HFAG-R (High Frequency) |
| :--- | :--- | :--- |
| **Impedance Peak** | Typically 100MHz - 300MHz | Remains high into the 1GHz+ range |
| **Main Use** | General power supply filtering | High-speed signal lines / GHZ noise |
| **Resistance** | Low at high frequencies | High at high frequencies |
---
- ⤷
What is the difference between the 1HFAG-R and the 1HBA-R versions?
- ⤷ How do I calculate the voltage drop across this ferrite bead in a circuit?
- ⤷ Can this part be used for high-current power supply filtering?