1M7K5N-R
AI

Based on technical specifications for industrial electronic components, the part number **1M7K5N-R** typically refers to a high-precision, high-voltage **Metal Film Resistor**. These components are frequently used in precision measurement equipment and power supplies.
---
### 1. Technical Specifications
The alphanumeric code follows an industry-standard breakdown for high-voltage resistors:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 1.75 MΩ | 1M75 equivalent (1.75 Megaohms) |
| **Tolerance** | ±0.5% to ±1% | Indicated by the 'K' or 'N' suffix variations |
| **Power Rating** | 1/4W to 1/2W | Standard wattage for signal-level high voltage |
| **Temperature Coefficient** | ±50 ppm/°C | Ensures stability across temperature changes |
| **RoHS Status** | Compliant | The **-R** suffix typically denotes Lead-Free/RoHS |
---
### 2. Physical Characteristics
* **Body Type:** Axial Leaded (Through-hole).
* **Coating:** Epoxy or Silicone coating for flameproof protection.
* **Core:** High-grade ceramic rod.
* **Resistance Element:** Thin metal film deposited under vacuum to ensure low noise.
---
### 3. Application Areas
These resistors are designed for circuits where precision and high-voltage stability are critical:
1. **Voltage Dividers:** Used in multimeters and sensing circuits to scale down high voltages.
2. **Medical Electronics:** Found in imaging equipment requiring low-noise signal processing.
3. **Industrial Controls:** Monitoring circuits for power grid equipment.
4. **Audio Equipment:** High-end amplifiers where low thermal noise is required.
---
### 4. Key Advantages
* **Low Noise:** Metal film construction provides significantly lower "hiss" (Johnson noise) compared to carbon composition resistors.
* **High Stability:** Excellent shelf life and long-term load stability.
* **Precision:** Allows for very tight tolerances essential for calibration-grade electronics.
- ⤷
What are the typical voltage limits for the 1M7K5N-R series?
- ⤷ How does a metal film resistor compare to a carbon film resistor in terms of durability?
- ⤷ Can this resistor be used in high-frequency RF applications?