1MD04-059-08
AI

The part number **1MD04-059-08** is typically associated with a specific series of **Thermoelectric Coolers (TEC)**, often manufactured by companies like II-VI Marlow (now Coherent) or similar thermal management specialists. These components are solid-state heat pumps used for precise temperature control in optoelectronics and medical devices.
### 1. Technical Specifications
Thermoelectric modules operate on the **Peltier Effect**. When DC current flows through the device, heat is transferred from one side to the other.
| Parameter | Estimated Value/Description |
| :--- | :--- |
| **Type** | Single-Stage Thermoelectric Cooler (TEC) |
| **Max Temperature Differential ($\Delta T_{max}$)** | ~67°C to 72°C (at $T_{hot}$ = 27°C) |
| **Max Current ($I_{max}$)** | Typically between 0.8A and 2.0A (series dependent) |
| **Max Voltage ($V_{max}$)** | Variable based on couple count (typically 3.0V - 8.0V) |
| **Construction** | Alumina Ceramic ($\text{Al}_2\text{O}_3$) plates |
| **External Finish** | Usually Gold-plated or Bare Ceramic |
---
### 2. Physical Characteristics
The nomenclature "1MD04" usually provides clues about the physical footprint:
* **1MD:** Refers to a single-stage, standard performance module.
* **04:** Often indicates the number of couples or the specific element height/size (approx. 4mm-6mm footprint width).
* **059:** Generally indicates the specific height or internal pellet count configuration.
* **08:** Designates the specific finish (e.g., specific lead wire lengths, metallization, or lapping tolerance).
---
### 3. Common Applications
Because of its small size and precise cooling capacity, this part is frequently found in:
* **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers.
* **Infrared Sensors:** Reducing thermal noise in high-sensitivity detectors.
* **PCR Thermal Cyclers:** Rapidly heating and cooling DNA samples in medical diagnostics.
* **CCD Cameras:** Cooling image sensors for long-exposure photography.
---
### 4. Integration Guidelines
To ensure the longevity of the 1MD04-059-08, follow these implementation rules:
```markdown
1. Heat Sink: Never operate the TEC without a proper heat sink on the hot side.
2. PWM Control: Use a filtered DC power supply or high-frequency PWM (>10kHz) to avoid thermal fatigue.
3. Mounting: Use a thin layer of thermal grease or a graphite pad for interface contact.
4. Moisture: Seal the module with RTV or epoxy if operating below the dew point to prevent corrosion.
```
- ⤷What is the maximum cooling capacity (Qmax) for this specific module?
- ⤷ How do I identify the 'hot side' versus the 'cold side' on a TEC?
- ⤷ What are the recommended soldering temperatures for the leads on this part?