1MD04-059-10
AI

The part number **1MD04-059-10** corresponds to a high-performance **Thermoelectric Cooler (TEC)**, also known as a Peltier Module, manufactured by **II-VI Incorporated** (now part of **Coherent Corp.**).
These components are used for precise temperature control in optoelectronic devices.
---
### 1. Technical Specifications
The "1MD04" series is part of a specialized line of miniature single-stage coolers. Below are the typical characteristics for this specific model:
| Parameter | Value (Approximate) |
| :--- | :--- |
| **Type** | Single-Stage Thermoelectric Cooler |
| **Max Temperature Differential ($\Delta T_{max}$)** | ~67°C to 72°C (in vacuum) |
| **Max Current ($I_{max}$)** | ~1.0 A to 1.2 A |
| **Max Voltage ($V_{max}$)** | ~7.2 V |
| **Cooling Capacity ($Q_{max}$)** | ~4.5 W to 5.0 W |
| **Number of Couples** | 59 |
| **Metallization/Surface** | Gold-plated (often denoted by the -10 suffix) |
---
### 2. Key Features
* **Miniature Footprint:** Designed for integration into small packages like TO-cans or Butterfly laser packages.
* **High Reliability:** Built to meet Telcordia GR-468 standards for long-term stability in telecommunications.
* **Gold Plating:** The "-10" suffix usually indicates specific finishing, such as **Gold (Au)** plating on the hot and cold ceramic faces, allowing for fluxless soldering or wire bonding.
* **Precise Control:** Capable of maintaining sub-degree temperature stability when paired with a thermistor and a PID controller.
---
### 3. Common Applications
These parts are rarely found in consumer electronics; they are primarily used in industrial and scientific equipment:
1. **Laser Diode Cooling:** Stabilizing the wavelength of telecommunication lasers.
2. **Infrared (IR) Sensors:** Reducing thermal noise in high-sensitivity detectors (e.g., gas sensing or thermal imaging).
3. **Laboratory Equipment:** Precise temperature regulation for microfluidics or DNA amplification.
4. **Optical Transceivers:** Used in high-speed data center networking modules (QSFP/OSFP).
---
### 4. Typical Connection Diagram
A basic implementation involves a bipolar DC power supply or a dedicated TEC controller:
```mermaid
graph LR
A[TEC Controller] -- DC Current --> B(1MD04-059-10)
B -- Heat Transfer --> C[Heat Sink]
D[Thermistor] -- Feedback --> A
```
---
- ⤷
What are the recommended soldering temperatures for gold-plated TECs?
- ⤷ Can this module be used for heating as well as cooling?
- ⤷ What is the difference between the 1MD04 and 1MD06 series?