1ME252012H-R24MF
AI

The part number **1ME252012H-R24MF** refers to a high-performance **SMD Power Inductor**, typically manufactured by companies like **Mag.Layers**. It is designed for high-frequency DC-DC conversion and power management applications.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Parameter | Value / Detail |
| :--- | :--- |
| **Inductance** | 0.24 μH (indicated by "R24") |
| **Tolerance** | ±20% (indicated by "M") |
| **Dimensions (L x W x H)** | 2.5 mm x 2.0 mm x 1.2 mm |
| **Package Size** | 2520 (Metric) / 1008 (Imperial) |
| **Shielding** | Magnetic Shielding (Alloy powder/Molding type) |
| **Current Rating** | High Saturation Current (typically 5A - 8A range) |
---
### 2. Key Features
* **Molded Construction:** This part uses a metal alloy powder molding process. This provides excellent magnetic shielding, which reduces electromagnetic interference (EMI).
* **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation, increasing the overall efficiency of the power circuit.
* **Soft Saturation:** Unlike ferrite inductors, these alloy inductors have a gradual saturation curve, meaning the inductance doesn't drop abruptly when the current increases.
* **High Frequency Performance:** Optimized for high-speed switching frequencies used in modern power ICs.
---
### 3. Common Applications
This specific inductor is small and handles high current, making it ideal for:
1. **Smartphones & Tablets:** Used in PMICs (Power Management Integrated Circuits) for CPU/GPU cores.
2. **Laptops:** Voltage Regulator Modules (VRMs) for portable computing.
3. **IoT Devices:** Battery-powered devices requiring compact power conversion.
4. **SSD Drives:** Power rails for high-speed data storage controllers.
---
### 4. Part Number Breakdown
The code can be generally decoded as follows:
* **1ME:** Series identifier (Metal Alloy Molding type).
* **252012:** Dimensions (2.5mm length, 2.0mm width, 1.2mm height).
* **H:** High current / High-performance sub-series.
* **R24:** Inductance value (0.24 microhenries).
* **M:** Tolerance (M = ±20%).
* **F:** Lead-free / RoHS compliant designation.
- ⤷
What are the direct equivalents or alternatives to the 1ME252012H-R24MF from other manufacturers?
- ⤷ How does the 'soft saturation' of this metal alloy inductor compare to traditional ferrite cores?
- ⤷ What is the typical maximum operating temperature for this series of inductors?