1N111N-R
AI

The **1N4148-R** (commonly referred to by its generic family name 1N4148) is a standard high-speed silicon switching diode. It is one of the most ubiquitous electronic components in history due to its high speed, small size, and reliability.
### 1. General Overview
The "1N" prefix signifies a single-junction semiconductor (diode). The "-R" suffix typically denotes **RoHS Compliance** (Restriction of Hazardous Substances) or **Tape & Reel** packaging, depending on the manufacturer (like Vishay or Diodes Inc.).
---
### 2. Technical Specifications
Below are the key electrical characteristics typically found in the datasheet:
| Parameter | Value (Typical) | Description |
| :--- | :--- | :--- |
| **Type** | Silicon Epitaxial Planar | Physical construction method. |
| **Max. Repetitive Reverse Voltage ($V_{RRM}$)** | 100V | Max voltage it can block in reverse. |
| **Continuous Forward Current ($I_F$)** | 300mA | Max current it can carry continuously. |
| **Forward Voltage Drop ($V_F$)** | ~0.7V - 1.0V | Voltage lost when the diode is conducting. |
| **Reverse Recovery Time ($t_{rr}$)** | < 4ns | Time taken to stop conducting when polarity flips. |
| **Power Dissipation ($P_D$)** | 500mW | Total heat it can dissipate (DO-35 package). |
---
### 3. Key Features
* **High Switching Speed:** With a recovery time of less than 4 nanoseconds, it is ideal for high-frequency signal processing.
* **Low Capacitance:** Minimizes signal distortion in high-speed circuits.
* **Small Footprint:** Usually comes in a DO-35 (Through-hole) or SOD-123/SOD-323 (Surface Mount) package.
* **Reliability:** Extremely stable thermal and electrical characteristics.
---
### 4. Common Applications
1. **High-Speed Switching:** Used in digital logic circuits to control signal flow.
2. **Clamping/Clipping:** Protecting sensitive components from voltage spikes by "clipping" the signal at a certain level.
3. **Reverse Polarity Protection:** Protecting low-current circuits from battery reversal (though limited by its 300mA rating).
4. **Signal Demodulation:** Extracting information from radio frequency (RF) signals.
---
### 5. Identifying the Component
On the physical body of a through-hole 1N4148:
* **Glass Body:** Usually orange or red.
* **Black Band:** This indicates the **Cathode** (negative side). Current flows from the side without the band (Anode) to the side with the band (Cathode).
- ⤷
What is the difference between a 1N4148 and a 1N4007 power diode?
- ⤷ How do I test a 1N4148-R using a digital multimeter?
- ⤷ What are the SMD equivalents for the 1N4148 through-hole diode?