1N5253B..
AI

### Overview of the 1N5253B Zener Diode
The **1N5253B** is a high-precision silicon planar Zener diode. It is primarily designed for voltage regulation, clipping circuits, and protection against overvoltage in electronic circuits. The "B" suffix typically indicates a **±5% tolerance** on the Zener voltage.
---
### Key Technical Specifications
The following table summarizes the electrical characteristics of the 1N5253B:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Nominal Zener Voltage** | $V_Z$ | 25 | Volts |
| **Power Dissipation** | $P_D$ | 500 | Milliwatts (mW) |
| **Voltage Tolerance** | - | ±5% | - |
| **Zener Test Current** | $I_{ZT}$ | 5.0 | Milliamps (mA) |
| **Maximum Zener Impedance** | $Z_{ZT}$ | 35 | Ohms ($\Omega$) |
| **Maximum Reverse Leakage Current** | $I_R$ | 0.1 | Microamps ($\mu$A) @ 19V |
| **Operating Temperature** | $T_J$ | -65 to +200 | °C |
---
### Physical Characteristics and Pinout
* **Package Type:** DO-35 (Axial Lead Glass Package).
* **Polarity:** The cathode is indicated by a **black band** painted on the glass body.
* **Mounting:** Through-hole technology (THT).
---
### How it Functions in a Circuit
The 1N5253B operates in the **reverse bias** region. Unlike standard diodes that block current in reverse, a Zener diode is designed to break down at a specific voltage ($V_Z = 25V$).
1. **Voltage Regulation:** When the input voltage exceeds 25V, the diode begins to conduct, maintaining a steady 25V across its terminals.
2. **Protection:** It acts as a "pressure relief valve" for electronics, shunting excess voltage to ground to protect sensitive components downstream.
#### Basic Application Circuit
To use this diode, you must pair it with a current-limiting resistor ($R_S$) to prevent the diode from exceeding its 500mW power rating.
```text
[Input Voltage Vin] ---- [Resistor Rs] ----+---- [Output Vo = 25V]
|
[1N5253B] (Connected in Reverse)
|
[Ground]
```
---
### Common Alternatives
If the 1N5253B is unavailable, these parts share similar characteristics:
* **1N4749A:** 24V Zener, but rated for higher power (1 Watt).
* **BZX55C25:** 25V Zener in a similar DO-35 package, often used in European designs.
* **MMSZ5253B:** The Surface Mount (SMD) equivalent in a SOD-123 package.
- ⤷
How do I calculate the correct series resistor value for a 1N5253B?
- ⤷What is the difference between the 1N5253B and the 1N5253A?
- ⤷Can this diode be used in a series configuration to achieve a higher voltage?