Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 1PS50-03WS

  • AI
    The **1PS50-03WS** is a Surface Mount Device (SMD) electronic component, specifically a **Schottky Barrier Diode**. It is designed for high-speed switching and low-voltage applications. --- ## 1. Technical Specifications Below are the primary electrical characteristics of the 1PS50-03WS: | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode | | **Package Type** | SOD-323 (Small Outline Diode) | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 30V | | **Forward Continuous Current ($I_F$)** | 200mA | | **Forward Voltage Drop ($V_F$)** | Approx. 0.4V to 0.5V (at $I_F = 100mA$) | | **Reverse Recovery Time ($t_{rr}$)** | Very Fast (typically < 5ns) | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Key Features * **Low Forward Voltage:** Due to the Schottky barrier, it has a lower voltage drop than standard silicon diodes (which are typically 0.7V), resulting in higher efficiency. * **Ultra-High Speed:** The fast switching capability makes it ideal for high-frequency signal processing. * **Small Footprint:** The SOD-323 package is miniature, saving significant board space in modern electronics like smartphones and wearables. * **Low Capacitance:** Minimizes signal distortion in RF (Radio Frequency) applications. --- ## 3. Common Applications The 1PS50-03WS is widely used in the following circuits: 1. **High-Speed Switching:** Used in digital logic circuits to speed up transition times. 2. **Rectification:** Small-scale AC to DC conversion in low-voltage power supplies. 3. **Clamping & Protection:** Protecting sensitive IC inputs from voltage spikes (transients). 4. **RF Detection:** Used in radio frequency mixers and detectors due to low junction capacitance. --- ## 4. Symbol and Pinout In a circuit diagram, the 1PS50-03WS is represented by the standard Schottky diode symbol (a triangle with an "S" shaped bar). ```text Anode (+) Cathode (-) |-------|>|-------| (Band) ``` *Note: On the physical component, a **colored band** denotes the Cathode side.*
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the 1PS50-03WS and a standard 1N4148 switching diode?
    • ⤷ Can this diode be used for power rectification above 1 Ampere?
    • ⤷ How does the SOD-323 package size compare to the SOD-123?