1SS355L-CB2-R
AI

The **1SS355L-CB2-R** is a high-speed switching diode commonly used in consumer electronics, automotive modules, and signal processing. It is designed for low-voltage, high-frequency switching applications.
---
## 1. Core Specifications
The following table summarizes the key electrical and physical characteristics of the 1SS355L-CB2-R.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Switching Diode | High-speed silicon epitaxial planar diode |
| **Max Reverse Voltage ($V_R$)** | 80V | Maximum voltage it can block in reverse bias |
| **Forward Current ($I_F$)** | 100mA | Continuous current it can handle forward |
| **Reverse Recovery Time ($t_{rr}$)** | 4.0ns (Max) | Time taken to stop conducting after bias swap |
| **Power Dissipation ($P_d$)** | 100mW - 150mW | Total power the package can dissipate |
| **Package Type** | SOD-523 / SC-79 | Ultra-small surface mount package |
| **Capacitance ($C_t$)** | 1.2pF | Internal capacitance at 0.5V |
---
## 2. Key Features
* **High-Speed Switching:** With a $t_{rr}$ of only 4 nanoseconds, it is ideal for high-frequency signal processing.
* **Miniature Footprint:** The SOD-523 package is extremely small, making it suitable for high-density circuit boards (smartphones, tablets).
* **Low Capacitance:** Minimizes signal distortion in high-speed data lines.
* **Reliability:** Typically features high reliability for general-purpose switching.
---
## 3. Applications
The 1SS355L-CB2-R is versatile and generally found in the following circuits:
1. **Signal Clamping:** Protecting sensitive IC inputs from voltage spikes.
2. **Logic Gates:** Used in simple diode-transistor logic (DTL) circuits.
3. **High-Speed Rectification:** Small-scale AC to DC conversion in signal paths.
4. **Mobile Devices:** Power management and signal routing where space is at a premium.
---
## 4. Marking and Orientation
In the SOD-523 package, the component usually features a small bar or line on one side of the body.
* **Cathode Mark:** The line indicates the Cathode (-) terminal.
* **Anode:** The opposite side is the Anode (+).
- ⤷
What are the equivalent alternative parts for the 1SS355L-CB2-R?
- ⤷ Can you explain the importance of reverse recovery time in switching diodes?
- ⤷ What is the thermal resistance rating for the SOD-523 package?