2017-15-SMH-RPLF
AI

The part number **2017-15-SMH-RPLF** refers to a specific type of Gas Discharge Tube (GDT) manufactured by **Bourns Inc.** This component belongs to the "2017 Series" of high-performance surface-mount gas discharge tubes designed for surge protection.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Gas Discharge Tube (GDT) |
| **Mounting Type** | Surface Mount (SMD) |
| **DC Sparkover Voltage** | 150V (±20%) |
| **Number of Poles** | 2-Pole |
| **Impulse Discharge Current** | 10 kA (8/20 µs) |
| **Capacitance** | < 1.0 pF |
| **Insulation Resistance** | > 10 GΩ |
| **Operating Temperature** | -40°C to +90°C |
---
## 2. Part Number Breakdown
The alphanumeric code follows the standard Bourns naming convention:
* **2017**: The Series name (High-performance, 2-electrode GDT).
* **15**: Indicates the DC Sparkover voltage (150V).
* **SMH**: Refers to the "Surface Mount Heavy-duty" package/form factor.
* **RP**: Denotes "Reel Pack" (packaging method).
* **LF**: Stands for "Lead-Free" (RoHS compliant).
---
## 3. Key Features & Applications
### Key Features
* **Flat GDT Technology:** Unlike traditional cylindrical GDTs, the 2017 series features a low-profile, flat design specifically optimized for automated SMT (Surface Mount Technology) assembly.
* **Low Capacitance:** With a capacitance of less than 1 pF, it is ideal for high-speed data lines as it does not degrade signal integrity.
* **High Reliability:** Capable of handling high surge currents (10kA) despite its small footprint.
### Common Applications
1. **Telecommunications:** Protection for central office equipment, line cards, and modems.
2. **Industrial:** Surge protection for RS-485 or Ethernet communication ports.
3. **Power Supplies:** Protecting sensitive internal circuits from external voltage spikes.
4. **Data Centers:** Protection for high-speed networking hardware.
---
## 4. Typical Circuit Symbol
In a schematic, this component is represented by a circle with two opposing electrodes, often with a "Z" or tilde-like symbol inside to represent the gas discharge gap.
```text
| |
--| |---
| |
(Symbol for 2-Pole GDT)
```
- ⤷
What is the difference between a GDT and a TVS diode for surge protection?
- ⤷ How do I interpret the 8/20 µs discharge current rating?
- ⤷ What are the footprint dimensions for the SMH package?