2017-50-SMH-RPLF
AI

The **2017-50-SMH-RPLF** is a specific part number for a **Surface Mount Gas Discharge Tube (GDT)**, typically manufactured by **Bourns**. These components are critical for circuit protection against high-voltage transients (surges).
---
## 1. Technical Specifications
The part number is coded to represent specific electrical and physical characteristics.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Gas Discharge Tube (GDT) |
| **DC Sparkover Voltage** | 500V (±20%) |
| **Number of Electrodes** | 2-electrode design |
| **Package / Case** | 2017 (5.0 x 4.4 x 4.4 mm approx.) |
| **Mounting Type** | Surface Mount (SMD) |
| **Impulse Discharge Current** | 10 kA (8/20 μs waveform) |
| **Insulation Resistance** | > 1 GΩ |
| **Capacitance** | < 1 pF |
| **RoHS Status** | Compliant (LF suffix denotes Lead-Free) |
---
## 2. Key Features and Benefits
* **Low Capacitance:** Because the capacitance is extremely low (< 1 pF), this part is ideal for high-speed data lines as it does not distort the signal.
* **High Surge Current Handling:** Capable of diverting large energy spikes (up to 10,000 Amps) safely to the ground.
* **Stable Performance:** Designed to maintain a consistent breakdown voltage over a wide temperature range and throughout its service life.
* **Compact Form Factor:** The "2017" size is optimized for automated pick-and-place assembly on PCBs.
---
## 3. Common Applications
This component is generally used as a "first line of defense" in power and communication circuits:
1. **Telecommunications:** Protection for ADSL, VDSL, and Ethernet ports.
2. **Industrial Equipment:** Protecting sensitive PLC inputs from lightning or switching surges.
3. **Power Supplies:** Used in AC/DC converters to prevent overvoltage from reaching internal components.
4. **Modems and Routers:** Shielding the internal circuitry from spikes entering through the external line.
---
## 4. Part Number Breakdown (Nomenclature)
* **2017**: The series designation (Surface Mount, 2-electrode, 5mm diameter).
* **50**: Represents the DC Sparkover voltage (50 x 10 = 500V).
* **SMH**: Refers to the specific terminal/housing style (Surface Mount Heavy duty).
* **RP**: Indicates "Reel Pack" (packaging for automated assembly).
* **LF**: Lead-Free (RoHS Compliant).
- ⤷
What is the difference between a GDT and a TVS diode for surge protection?
- ⤷ How do I determine if 500V is the correct sparkover voltage for my circuit?
- ⤷ Are there alternative sizes available in the Bourns 2017 series?