2087-100SM-RPLF
AI

The **2087-100SM-RPLF** is a specialized high-voltage Gas Discharge Tube (GDT) manufactured by **Bourns Inc.** It is designed primarily for circuit protection against transient voltage surges, such as those caused by lightning or industrial switching.
---
### ## Technical Specifications
The following table outlines the key electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Bourns Inc. |
| **Series** | 2087 (High Voltage GDT) |
| **DC Sparkover Voltage** | 1000V (±20%) |
| **Number of Poles** | 2-Pole |
| **Mounting Type** | Surface Mount (SMD) |
| **Impulse Discharge Current** | 5 kA (8/20 μs waveform) |
| **Insulation Resistance** | > 1 GΩ |
| **Capacitance** | < 1.0 pF |
| **RoHS Status** | RoHS Compliant (Lead-Free) |
---
### ### Key Features and Functions
1. **Overvoltage Protection:** The device acts as a "crowbar." When the voltage exceeds 1000V, the gas inside ionizes, creating a low-impedance path to ground to shunt the excess energy away from sensitive components.
2. **Low Capacitance:** With a capacitance of less than 1 pF, this part is ideal for high-speed data lines or RF applications where signal integrity must be maintained without distortion.
3. **Compact SMD Design:** The "SM" in the part number indicates a surface-mount package, making it suitable for modern automated PCB assembly.
4. **Robustness:** Despite its small size, it can handle impulse currents up to 5,000 Amperes (5kA).
---
### ### Typical Applications
* **Power Supplies:** Protecting the AC or DC input stages from line surges.
* **Telecommunications:** Guarding sensitive data ports against lightning strikes.
* **Industrial Equipment:** Used in motor controllers or PLCs where high-voltage transients are common.
* **Medical Electronics:** Providing a safety barrier against high-voltage spikes.
---
### ### Part Number Breakdown
* **2087:** Series designation (High Voltage Mini 2-Pole GDT).
* **100:** Represents the voltage (1000V).
* **SM:** Surface Mount package style.
* **RP:** Reel Pack (packaging format).
* **LF:** Lead-Free (RoHS compliant).
- ⤷
What is the difference between a Gas Discharge Tube and a TVS Diode for surge protection?
- ⤷ How do I calculate the appropriate sparkover voltage for my circuit?
- ⤷ What are the soldering layout recommendations for the 2087-100SM-RPLF?