Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 225-220-R

  • AI
    The part number **225-220-R** typically refers to a high-voltage, radial-leaded **Metal Oxide Varistor (MOV)**, often manufactured by companies like Littelfuse or specialized electronic component distributors. Below is a detailed breakdown of its technical specifications and functions. --- ### 1. Component Overview A varistor is a voltage-dependent resistor. Its primary function is to protect sensitive electronic circuits from voltage surges and spikes by "clamping" the voltage to a safe level. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Varistor Voltage** | 22V (Nominal) | | **Mounting Type** | Through-Hole (Radial Leaded) | | **Lead Spacing** | ~5mm to 7.5mm | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Technical Characteristics * **Voltage Rating:** The "220" in the part number usually signifies a varistor voltage of **22V**. It acts as an open circuit under normal operating voltages but becomes highly conductive when the voltage exceeds this threshold. * **Energy Absorption:** These parts are designed to absorb a specific amount of energy (measured in Joules) from transient spikes before failure. * **Clamping Voltage:** This is the maximum voltage the device will allow through to the rest of the circuit during a surge event. * **Capacitance:** MOVs have an inherent capacitance, which is an important consideration for high-frequency or data-line applications. --- ### 3. Applications and Usage The **225-220-R** is commonly used in low-voltage DC applications or signal line protection. 1. **Surge Protection:** Protecting integrated circuits (ICs) from Electrostatic Discharge (ESD) or inductive load switching. 2. **Power Supplies:** Used at the input stage of DC-DC converters to prevent over-voltage damage. 3. **Consumer Electronics:** Found in handheld devices, automotive electronics, and telecommunication equipment. --- ### 4. Circuit Symbol and Installation In a schematic, a varistor is represented by a symbol similar to a resistor but with a diagonal line and a "V" or "U" shape. ```text Standard MOV Symbol: _____ -----| / |----- | / | |/____| ``` **Installation Note:** MOVs are typically installed in **parallel** with the load they are protecting. If a high-voltage spike occurs, the MOV's resistance drops instantly, shunting the current away from the protected component and blowing a fuse if necessary.
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy rating (in Joules) for the 225-220-R?
    • ⤷ Can this varistor be used in 110V AC power applications?
    • ⤷ How do I test if this MOV has failed using a multimeter?