AI

The part number **2290800-R** typically refers to a high-performance **Serial Attached SCSI (SAS) Raid Adapter** or a specific high-speed **Internal Cable Assembly** (often associated with Microsemi/Adaptec or TE Connectivity ecosystem components).
In most enterprise server contexts, this part number is identified as the **Adaptec SmartRAID 3154-8i** or a related 12Gb/s SAS/SATA RAID adapter kit.
---
### 1. Technical Specifications
Below are the primary electronic specifications for this hardware category:
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | PCIe Gen 3 x8 |
| **Data Transfer Rate** | 12 Gb/s per port |
| **Internal Ports** | 8 (typically 2 x x4 SFF-8643) |
| **Cache Memory** | 4GB LPDDR4 (on integrated models) |
| **RAID Levels** | 0, 1, 5, 6, 10, 50, 60, 1 ADM, 10 ADM |
| **Form Factor** | Low-profile MD2 |
---
### 2. Key Electronic Components
The device is composed of several critical electronic sub-systems:
1. **RAID On-Chip (ROC):** The "brain" of the card, usually a Microsemi SmartIOC or SmartROC processor that handles parity calculations and I/O management.
2. **Flash-Based Cache Protection:** Includes circuitry to connect to a capacitor (ZMM) which provides power to offload cache to NAND flash in the event of a power failure.
3. **Voltage Regulator Modules (VRM):** On-board components that step down the 12V/3.3V PCIe power to the specific voltages required by the processor and DRAM.
4. **SAS/SATA PHYs:** Physical layer transceivers that manage the high-speed signaling for connected drives.
---
### 3. Connectivity and Signal Integrity
The "-R" suffix often denotes a **Retail** packaging or a specific **RoHS** compliant revision. In terms of electronic design, these parts prioritize:
* **Differential Signaling:** To minimize electromagnetic interference (EMI) over high-speed data lanes.
* **Thermal Management:** Integrated heat sinks are required as these chips can consume between 12W and 18W during peak operation.
---
### 4. Implementation Example
If you are integrating this into a system, the electrical path follows this logic:
```mermaid
graph LR
A[PCIe Slot] --> B[RAID Controller]
B --> C[SAS/SATA Backplane]
C --> D[Mechanical/SSD Drives]
B -- Power Loss -- > E[Cache Backup Capacitor]
```
- ⤷
Is 2290800-R compatible with SATA III drives?
- ⤷ What is the maximum power consumption of this RAID card?
- ⤷ Does this part number include the required SFF-8643 cables?