22LA1-3C7-R
AI

The **22LA1-3C7-R** is a specific model of an industrial **Push Button Switch**, typically manufactured by brands like **DECA SwitchLab**. It is designed for panel mounting in control systems, machinery, and automation interfaces.
---
### ## Technical Specifications
Below are the primary electronic and physical characteristics of the 22LA1-3C7-R:
| Feature | Specification |
| :--- | :--- |
| **Mounting Diameter** | 22mm (Standard Industrial Size) |
| **Action Type** | Alternate / Latching (Push-ON, Push-OFF) |
| **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) |
| **Illumination** | Non-Illuminated (standard for this specific suffix) |
| **Button Shape** | Round / Flush |
| **Color** | Red (indicated by the "-R" suffix) |
| **Contact Rating** | Typically 5A @ 250VAC |
| **Terminal Type** | Solder / Plug-in Terminals |
---
### ### Component Breakdown
1. **22**: Refers to the **22mm** installation hole diameter. This is the global standard for industrial control panels.
2. **LA1**: The series designation. The "LA" series generally refers to small-size control switches with high reliability.
3. **3C7**: This code defines the internal contact block and the mechanical operation.
* **3**: Often denotes the latching (alternate) mechanism.
* **C7**: Specifics regarding the contact arrangement (1NO1NC) and terminal layout.
4. **R**: Represents the actuator color. In this case, **Red**.
---
### ### Key Features
* **Latching Mechanism:** Unlike a momentary switch (which springs back immediately), this switch stays in its state after being pressed. You must press it again to release it.
* **Modular Design:** The switch usually consists of the actuator (the red button), the housing, and the contact block. These can sometimes be separated for easier wiring.
* **Durability:** Designed for high-cycle industrial use, often featuring IP40 or IP65 protection ratings (depending on the specific sealing used) to resist dust and moisture.
---
### ### Common Applications
* **Machine Start/Stop:** Used as a main toggle for specific machine functions.
* **Control Panels:** Standard fitment for PLC (Programmable Logic Controller) inputs.
* **Safety Interlocks:** Though not a dedicated "E-Stop," the red latching button is often used for non-critical stop functions.
- ⤷
What is the difference between this latching version and a momentary version?
- ⤷ Can this switch be upgraded to include LED illumination?
- ⤷ What is the maximum current rating for the silver contacts in this series?