AI

The **24AA025UID** is a specialized Serial Electrically Erasable PROM (EEPROM) manufactured by Microchip Technology. It is widely used in networking and industrial applications because it comes pre-programmed with a unique **IEEE EUI-48™ node identity**.
---
## 1. Key Technical Specifications
The following table summarizes the primary electrical and functional characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 x 8 bits) |
| **Interface** | I2C™ Compatible (2-wire) |
| **Clock Speed** | 100 kHz (Standard), 400 kHz (Fast Mode) |
| **Voltage Range** | 1.7V to 5.5V |
| **Operating Current** | Read: 1 mA (Max); Standby: 1 $\mu$A (Max) |
| **Endurance** | 1,000,000 Erase/Write cycles |
| **Data Retention** | > 200 Years |
| **Package Options** | SOT-23, SOIC |
---
## 2. Distinctive Features
### A. Unique Identification (UID)
The standout feature of this chip is the **Permanent Write-Protected** area (addresses `0xFA` through `0xFF`). This region contains a 48-bit Global Unique Identifier (EUI-48™), which is essential for:
* MAC addresses in Ethernet/Wi-Fi devices.
* Product serialization for tracking.
* Inventory management.
### B. Cascading Capability
The device features hardware address pins ($A_0, A_1, A_2$), allowing up to **eight** different 24AA025UID devices to share the same I2C bus without address conflicts.
### C. Write Protection
While the UID is permanently locked, the rest of the memory (the lower 128 bytes) can be software write-protected or used for general data storage.
---
## 3. Pin Configuration (SOT-23 Package)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **SCL** | Serial Clock Input |
| 2 | **Vss** | Ground |
| 3 | **SDA** | Serial Data (Bi-directional) |
| 4 | **A1** | User-defined Address Bit 1 |
| 5 | **A2** | User-defined Address Bit 2 |
| 6 | **Vcc** | Power Supply |
---
## 4. Example: Reading Data (Pseudo-Code)
To read the UID from the chip using an I2C library, the logic follows this structure:
```cpp
// Example I2C Read for UID starting at address 0xFA
Wire.beginTransmission(0x50); // Standard I2C address for EEPROM
Wire.write(0xFA); // Point to the UID starting register
Wire.endTransmission();
Wire.requestFrom(0x50, 6); // Request 6 bytes (48-bit UID)
while(Wire.available()) {
byte macByte = Wire.read();
// Process the MAC address byte
}
```
---
- ⤷
What is the difference between EUI-48 and EUI-64 in the context of these EEPROMs?
- ⤷ Can the UID section be overwritten by the user under any circumstances?
- ⤷ How do the address pins A0
- ⤷ A1
- ⤷ and A2 affect the I2C slave address?